Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-CSLPM2.PC Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KW-CSLPM2.PC
Description  Ceramic package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KW-CSLPM2.PC Datasheet(HTML) 1 Page - OSRAM GmbH

  KW-CSLPM2.PC Datasheet HTML 1Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 2Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 3Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 4Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 5Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 6Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 7Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 8Page - OSRAM GmbH KW-CSLPM2.PC Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-09-22
1
2017-09-22
OSLON Square Flat
Datasheet
Version 1.0
KW CSLPM2.PC
The most compact 3 x 3 mm high power LED with an
electrically isolated thermal pad allows for superior
heat dissipation designs. The flat package shape
enhances color homogeneity due to reduced color
over angle variation. Extremely low thermal resistance
helps to maintain the efficiency remarkably high even
when driven at higher currents.
Die kompakte 3 x 3 mm Hochleistungs-LED mit
elektrisch isoliertem Wärmekontakt für beste
Wärmeableitung. Das flache Gehäuse garantiert eine
sehr gute Farbhomogenität über den gesamten
Abstrahlwinkel. Ein extrem niedriger thermischer
Widerstand ermöglicht gute Wirkungsgrade auch im
Betrieb bei hohen Strömen.
Features:
Besondere Merkmale:
•
Package: Ceramic package
•
Gehäusetyp: Keramikgehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
•
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
•
Color: Cx = 0.32, Cy = 0.33 acc. to CIE 1931
(white); CTR = 5700 K - 6500 K; CRI (min.) = 70
•
Farbe: Cx = 0.32, Cy = 0.33 nach CIE 1931 (weiß);
CTR = 5700 K - 6500 K; CRI (min.) = 70
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
Applications
Anwendungen
•
Working lamp
•
Arbeitsscheinwerfer
•
Retrofit
•
Retrofit
•
Industrial illumination
•
Industrie-Beleuchtung
•
Transportation
•
Verkehrsmittel


Similar Part No. - KW-CSLPM2.PC

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW-CSLPM2-CC AMSOSRAM-KW-CSLPM2-CC Datasheet
1Mb / 26P
OSLON® Square Flat
Version 1.5 2023-07-03
KW-CSLPM2-PC AMSOSRAM-KW-CSLPM2-PC Datasheet
1Mb / 25P
OSLON® Square Flat
Version 1.7 2023-01-04
More results

Similar Description - KW-CSLPM2.PC

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCEUN.CE-7K6L-HNJN-1 OSRAM-LUWCEUN.CE-7K6L-HNJN-1 Datasheet
764Kb / 23P
Ceramic package
LUWCEUP.CE-5M8M-HNJN-1 OSRAM-LUWCEUP.CE-5M8M-HNJN-1 Datasheet
776Kb / 23P
Ceramic package
LUWCEUP.HD-7M6N-U1U3-8E8G OSRAM-LUWCEUP.HD-7M6N-U1U3-8E8G Datasheet
767Kb / 23P
Ceramic package
CUWCFUP OSRAM-CUWCFUP Datasheet
1Mb / 22P
Ceramic package
CUW-CFUP OSRAM-CUW-CFUP Datasheet
1Mb / 22P
Ceramic package
LUW-CEUN.CE OSRAM-LUW-CEUN.CE Datasheet
764Kb / 23P
Ceramic package
LUW-CEUP.CE OSRAM-LUW-CEUP.CE Datasheet
805Kb / 23P
Ceramic package
logo
Luna Innovations Incorp...
NSL-4132 LUNA-NSL-4132 Datasheet
76Kb / 2P
Ceramic Package Photocell
NSL-4142 LUNA-NSL-4142 Datasheet
72Kb / 2P
Ceramic Package Photocell
NSL5162 LUNA-NSL5162 Datasheet
97Kb / 2P
Ceramic Package Photocell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com