Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4366 Datasheet HTML 3Page - Linear Technology LTC4366 Datasheet HTML 4Page - Linear Technology LTC4366 Datasheet HTML 5Page - Linear Technology LTC4366 Datasheet HTML 6Page - Linear Technology LTC4366 Datasheet HTML 7Page - Linear Technology LTC4366 Datasheet HTML 8Page - Linear Technology LTC4366 Datasheet HTML 9Page - Linear Technology LTC4366 Datasheet HTML 10Page - Linear Technology LTC4366 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
7
TYPICAL PERFORMANCE CHARACTERISTICS
Gate Start-Up Current vs
Temperature
–12
–10
–8
–6
–4
436612 G15
TEMPERATURE (°C)
–50
50
0
100
25
–25
75
125
Base Shunt Regulator vs
Base Current
Timer Pull-Up Current vs
Temperature
–12
–10
–8
–6
–4
436612 G18
TEMPERATURE (°C)
–50
50
0
100
25
–25
75
125
IBASE (µA)
0
7.0
6.5
6.0
5.5
–100
436612 G16
–200
–300
–400
–500
SD Pull-Up Current vs
Temperature
TEMPERATURE (°C)
–3
–2
–1
0
436612 G21
–50
50
0
100
25
–25
75
125
FB Regulation Threshold vs
Temperature
Cool-Down Time vs Temperature
1.24
1.23
1.22
1.21
436612 G22
TEMPERATURE (°C)
–50
50
0
100
25
–25
75
125
TEMPERATURE (°C)
16
10
12
14
6
8
436612 G23
–50
50
0
100
25
–25
75
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com