Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366 Datasheet(HTML) 2 Page - Linear Technology

  LTC4366 Datasheet HTML 1Page - Linear Technology LTC4366 Datasheet HTML 2Page - Linear Technology LTC4366 Datasheet HTML 3Page - Linear Technology LTC4366 Datasheet HTML 4Page - Linear Technology LTC4366 Datasheet HTML 5Page - Linear Technology LTC4366 Datasheet HTML 6Page - Linear Technology LTC4366 Datasheet HTML 7Page - Linear Technology LTC4366 Datasheet HTML 8Page - Linear Technology LTC4366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VDD) ................................ –0.3V to 10V
Supply Voltage (OUT) ................................. –0.3V to 5V
Input Voltages
FB .............................................. –0.3V to OUT + 0.3V
TIMER................................................... –0.3V to 3.5V
SD.......................................................... –0.3V to 10V
Output Voltages
BASE.........................................................–1.5V to 4V
OUT – BASE ......................................... –0.3V to 5.5V
GATE (Note 3)........................................ –0.3V to 15V
GATE – OUT (Note 3)............................. –0.3V to 10V
(Notes 1, 2) All voltages relative to VSS, unless otherwise noted.
VDD 1
SD 2
TIMER 3
VSS 4
8 GATE
7 OUT
6 FB
5 BASE
TOP VIEW
TS8 PACKAGE
8-LEAD PLASTIC TSOT-23
TJMAX = 150°C, θJA = 195°C/W
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VSS
TIMER
SD
VDD
BASE
FB
OUT
GATE
TJMAX = 150°C,
θJA = 75°C/W IF VSS IS SOLDERED TO PCB, θJA = 135°C/W IF VSS IS NOT SOLDERED TO PCB
EXPOSED PAD (PIN 9), PCB VSS CONNECTION OPTIONAL
PIN CONFIGURATION
Currents
IVDD ...................................................................10mA
IOUT ...................................................................10mA
BASE................................................. –300µA to 10µA
SD.......................................................–10mA to 10µA
Operating Ambient Temperature Range (Note 4)
LTC4366C................................................ 0°C to 70°C
LTC4366I.............................................–40°C to 85°C
LTC4366H.......................................... –40°C to 125°C
LTC4366MP....................................... –55°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSOT-23 Package Only .................................... 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com