Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366 Datasheet(HTML) 4 Page - Linear Technology

  LTC4366 Datasheet HTML 1Page - Linear Technology LTC4366 Datasheet HTML 2Page - Linear Technology LTC4366 Datasheet HTML 3Page - Linear Technology LTC4366 Datasheet HTML 4Page - Linear Technology LTC4366 Datasheet HTML 5Page - Linear Technology LTC4366 Datasheet HTML 6Page - Linear Technology LTC4366 Datasheet HTML 7Page - Linear Technology LTC4366 Datasheet HTML 8Page - Linear Technology LTC4366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
4
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. All voltages relative to VSS, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Regulator
VZ(VDD)
VDD Shunt Regulator Voltage
I = 1mA
l
11.5
12
12.5
V
∆VZ(VDD)
VDD Shunt Regulator Load Regulation
I = 1mA to 5mA
LTC4366C/I/H
LTC4366MP
l
l
30
30
90
130
mV
mV
VDD
VDD Supply Voltage (Note 3)
l
4.5
VZ(VDD)
V
IVDD(STLO)
VDD Pin Current – Start-Up, Gate Low
GATE = 0V, VDD = 7V, OUT = 0V
l
15
23
µA
IVDD(STHI)
VDD Pin Current – Start-Up, Gate High
GATE Open, VDD = 7V, OUT = 0V
l
9
13
µA
IVDD(SD)
VDD Pin Current – Shutdown
VDD = 7V, OUT = 0V
l
5
8
µA
OUT Regulator
VZ(OUT)
OUT Shunt Regulator Voltage
I = 1mA, BASE = 0V
l
5.0
5.7
6.0
V
∆VZ(OUT)
OUT Shunt Regulator Load Regulation
I = 1mA to 5mA
l
30
70
mV
OUT
OUT Supply Voltage (Note 3)
l
3.0
VZ(OUT)
V
VUVLO1
OUT Undervoltage Lockout 1
Rising
LTC4366C/I/H
LTC4366MP
l
l
2.42
2.42
2.55
2.55
2.75
2.80
V
V
∆VUVH1
OUT Undervoltage Lockout 1 Hysteresis
l
0.2
0.28
0.4
V
VUVLO2
OUT Undervoltage Lockout 2
Rising
l
4.5
4.75
4.9
V
∆VUVH2
OUT Undervoltage Lockout 2 Hysteresis
l
0.3
0.4
0.5
V
IOUT(AMP)
OUT Pin Current – Regulation Amplifier On
l
37
54
µA
IOUT(CP)
OUT Pin Current – Charge Pump On
l
150
220
µA
IOUT(SD)
OUT Pin Current – Shutdown
l
3
6
µA
BASE, VSS
VZ(BASE)
BASE Shunt Regulator Voltage (OUT – BASE) I = –10µA, OUT = 4.5V
l
5.5
6.2
6.6
V
∆VZ(BASE)
BASE Shunt Regulator Load Regulation
I = –10µA to –80µA, OUT = 4.5V
l
125
200
mV
IBASE
BASE Pin Leakage Current
OUT = 4.5V, BASE = –0.5V
l
–0.1
–0.8
–5.5
µA
IVSS(AMP)
VSS Pin Current – Regulation Amplifier On
l
–30
–45
–72
µA
IVSS(CP)
VSS Pin Current – Charge Pump On
l
–108
–160
–230
µA
IVSS(SD)
VSS Pin Current – Shutdown
l
–7
–12
µA
GATE Drive
∆VGATE
External N-Channel Gate Drive (GATE – OUT)
OUT = 4.9V, I = 0, –1µA
l
11.2
12
12.5
V
IGATE(ST)
GATE Pin Current – Start-Up
GATE = OUT = 0V
LTC4366C/I/H
LTC4366MP
l
l
–4.5
–3.2
–7.5
–7.5
–11
–11
µA
µA
IGATE(CP)
GATE Pin Current – Charge Pump On
GATE = 5V, OUT = 4.9V
l
–14
–20
–28
µA
IGATE(FD)
GATE Pin Current – Fast Discharge
GATE = 10V, OUT = 4.9V
l
122
200
300
mA
IGATE(FLT)
GATE Pin Current – Fault
GATE = 10V, OUT = 4.9V
l
0.3
0.7
1.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com