Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4366 Datasheet HTML 8Page - Linear Technology LTC4366 Datasheet HTML 9Page - Linear Technology LTC4366 Datasheet HTML 10Page - Linear Technology LTC4366 Datasheet HTML 11Page - Linear Technology LTC4366 Datasheet HTML 12Page - Linear Technology LTC4366 Datasheet HTML 13Page - Linear Technology LTC4366 Datasheet HTML 14Page - Linear Technology LTC4366 Datasheet HTML 15Page - Linear Technology LTC4366 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
12
APPLICATIONS INFORMATION
Starting up with a supply voltage insufficient to charge
C1 with large load current may result in overheating the
MOSFET and subsequent damage. While the gate and
output are ramping the drop across the MOSFET is the
input supply minus the output. If the supply is lower than
necessarytochargeC1,thentheoutputfailstoramphigher
than the supply minus the threshold of the MOSFET. This
3V to 5V MOSFET drop with high load current will result in
power dissipation without any protection or timeout limit.
Overvoltage Fault
The LTC4366 prevents an overvoltage on the input supply
from reaching the load. Normally, the pass transistor is
fully on, powering the load with very little voltage drop. As
the input voltage increases the OUT voltage increases until
it reaches the regulation point (VREG). From that point any
further voltage increase is dropped across the MOSFET.
Note the MOSFET is still on so the LTC4366 allows un-
interrupted operation during a short overvoltage event.
TheVREGpointisconfiguredwiththetwoFBresistors,RFB1
and RFB2. The regulation amplifier compares the FB pin to
a threshold 1.23V below the OUT pin. During regulation
the drop across RFB1 is 1.23V, while the remainder of the
VREG voltage is dropped across RFB2.
When the output is at the regulation point a timer is started
to prevent excessive power dissipation in the MOSFET.
Normally the TIMER pin is held low with a 1.8µA pull-
down current. During regulation the TIMER pin charges
with 9µA. If the regulation point is held long enough for
the TIMER pin to reach 2.8V then an overvoltage fault is
latched. The equation for setting the timer capacitor is:
CT = 3.2 • t nF / ms
[
]
Depending on which version, the part will cool down and
self start (LTC4366-2), or remain latched off until the SD
pin activates a shutdown followed by a start-up command
(LTC4366-1).Thecool-downtimeistypicallynineseconds
which provides a very low pulsed power duty cycle.
Starting up with an input supply overvoltage and full
load current does increase the power dissipation in the
MOSFET well beyond the case for an overvoltage surge.
During the gate and output ramp up, the partial supply
voltage (at full current) is dropped across the MOSFET.
After start-up the normal overvoltage surge (with timeout)
occurs before the shutting off the MOSFET. The Design
Example section only considers the normal overvoltage
surge for safe operating area (SOA) calculations for the
MOSFET. Start-up into overvoltage will require additional
SOA considerations.
Shutdown
The LTC4366 has a low current (<20µA) shutdown state
that turns off the pass FET by tying the GATE and OUT pins
together with a switched resistor. In the normal operating
condition, the SD pin is pulled up to the VDD pin voltage
with a 1.6µA current source. Tie the SD pin to VDD when
the shutdown state is not used.
Bringing the SD pin more than 1.5V below VDD pin volt-
age for greater than the 700µs filter time activates the
shutdown state. This filter time prevents unwanted activa-
tion of shutdown during transients. The SD pin is diode
clamped 0.7V below VSS which requires current limiting
(maximum 10mA) on the pull-down device. One way to
limit the current is to connect an external 470k resistor in
series with the open-collector pull-down device. Activat-
ing the external pull-down overcomes the internal 1.6µA
pull-up current source and allows the SD pin to cross the
shutdown threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com