Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4366 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4366
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366 Datasheet(HTML) 1 Page - Linear Technology

  LTC4366 Datasheet HTML 1Page - Linear Technology LTC4366 Datasheet HTML 2Page - Linear Technology LTC4366 Datasheet HTML 3Page - Linear Technology LTC4366 Datasheet HTML 4Page - Linear Technology LTC4366 Datasheet HTML 5Page - Linear Technology LTC4366 Datasheet HTML 6Page - Linear Technology LTC4366 Datasheet HTML 7Page - Linear Technology LTC4366 Datasheet HTML 8Page - Linear Technology LTC4366 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
1
TYPICAL APPLICATION
FEATURES
DESCRIPTION
High Voltage Surge Stopper
The LTC®4366 surge stopper protects loads from high
voltage transients. By controlling the gate of an external
N-channel MOSFET, the LTC4366 regulates the output
during an overvoltage transient. The load may remain
operational while the overvoltage is dropped across the
MOSFET. Placing a resistor in the return line isolates the
LTC4366andallowsittofloatupwiththesupply;therefore,
the upper limit on the output voltage depends only on the
availability of high valued resistors and MOSFET ratings.
An adjustable overvoltage timer prevents MOSFET dam-
age during the surge while an additional 9-second timer
provides for MOSFET cool down. A shutdown pin reduces
the quiescent current to less than 14µA during shutdown.
AfterafaulttheLTC4366-1latchesoffwhiletheLTC4366-2
will auto-retry.
Overvoltage Protected 1.5A, 28V Supply
Overvoltage Protector Regulates Output at 43V During Transient
APPLICATIONS
n
Rugged Floating Topology
n
Wide Operating Voltage Range: 9V to >500V
n
Adjustable Output Clamp Voltage
n
Controls N-Channel MOSFET
n
Adjustable Protection Timer
n
Internal 9-Second Cool-Down Timer
n
Shutdown IQ < 14µA
n
8-Lead TSOT and 3mm × 2mm DFN Packages
n
Industrial, Automotive and Avionic Surge Protection
n
High Voltage DC Distribution
n
28V Vehicle Systems
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
ThinSOT is a trademark of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Patents pending.
VDD
OUT
2nF
GATE
IXTK90N25L2
SD
FB
1µF
0.47µF
12.4k
VOUT
1.5A
VIN
28V
422k
436612 TA01a
46.4k
10
324k
LTC4366-2
TIMER
BASE
VSS
28V
100ms/DIV
436612 TA01b
28V
43V CLAMP
250V INPUT SURGE
VIN
100V/DIV
VOUT
20V/DIV


Similar Part No. - LTC4366

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4366 AD-LTC4366 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4366 AD-LTC4366 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4366 AD-LTC4366 Datasheet
1Mb / 22P
65V Dual Electronic Circuit Breaker with Current Monitors
LTC4366 AD-LTC4366 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
289Kb / 24P
Surge Stopper with Ideal Diode
More results

Similar Description - LTC4366

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
Surge Stopper
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
High Voltage Surge Stopper
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
High Voltage Surge Stopper with Current Limit
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
High Voltage Surge Stopper with Current Limit
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
Very High Voltage Surge Stopper
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com