Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 11Page - Linear Technology LTC2913 Datasheet HTML 12Page - Linear Technology LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
15
APPLICATIONS INFORMATION
has exceeded VREG. Since the OUT pin voltage is at least
2.55V larger than VSS it exceeds the specified maximum.
Choosing the match point (with supply at the maximum)
sufficiently below VREG (by at least 2.55V), allows C1 to
charge up in time to protect the load from overvoltage.
In reality having VSS pin voltage 7V below VREG provides
required margin for charging C1.
VSS(MATCH)(MAX) = VREG – 7V
Increasing RSS increases the match point, so determin-
ing the maximum RSS value while still protecting from
overvoltage is useful. Using IRIN = IRSS:
RSS =RIN •
VRSS
VRIN
Using:
VRSS = VSS(MATCH)(MAX) = VREG – 7V
VRIN = VIN – VZ(VDD) – VRSS
Substituting:
RSS(MAX) =
RIN • VREG – 7V
(
)
VIN(MAX) – 12V – VREG – 7V
(
)
RSS(MAX) =
RIN • VREG – 7V
(
)
VIN(MAX) – 5V – VREG
If we guarantee that RSS < RSS(MAX) then the following
is true:
VSS(MATCH) < VSS(MATCH)(MAX)
C1 bypasses the charge pump, and requires at least a
0.22µF. The size of C1 needs limits also. The gate capaci-
tor (CG) dictates the maximum output capacitor C1(MAX)
that will charge to the 2.55V UVLO1 threshold (VUVLO1)
beforetheOUTvoltageexceedstheovervoltagethreshold.
C1(MAX) =
–CG • RSS +RIN
(
) VREG – VSS(MATCH)
(
)
IG •RSS •RIN •In 1–
2 • VUVLO1
VREG – VSS(MATCH)
In most cases:
C1(MAX) = 10 • CG to 100 • CG
GATE Capacitor, CG
The gate capacitor is used for three functions. First, CG
absorbs charge from the gate-to-drain capacitance of
the MOSFET during overvoltage transients. Second, the
capacitor also acts as a compensation element for the
overvoltage regulation amplifier. The minimum value for
CG to guarantee stability is 2nF. Finally, CG sets the slew
rate of the GATE and OUT pins. The voltage at the GATE pin
rises at a slope equal to 20µA/CG. This slope determines
the charging current into the load capacitor.
IINRUSH =
CLOAD
CG
•IG
The voltage rating for CG must be greater than the regula-
tion voltage (VREG).
MOSFET Selection
The LTC4366 drives an N-channel MOSFET to conduct
the load current. The important features of the MOSFET
are on-resistance, RDS(ON), the maximum drain-source
voltage, V(BR)DSS, the threshold voltage, and the SOA.
The maximum allowable drain-source voltage must be
higher than the supply voltage. If the output is shorted
to ground or during an overvoltage event, the full supply
voltage will appear across the MOSFET.
The threshold voltage of the MOSFET is used in the mini-
mum supply start-up calculation. For applications with
supplies less than 12V, a logic-level MOSFET is required.
Above 12V a standard threshold N-channel MOSFET is
sufficient.
The SOA of the MOSFET must encompass all fault condi-
tions. In normal operation the pass transistor is fully on,
dissipating very little power. But during overvoltage faults,
the GATE pin is servoed to regulate the output voltage
through the MOSFET. Large current and high voltage drop
across the MOSFET can coexist in these cases. The SOA
curves of the MOSFET must be considered carefully along
with the selection of the fault timer capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com