Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 13Page - Linear Technology LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
17
APPLICATIONS INFORMATION
After the charge pump is active the VSS current increases
to 160µA (worst-case 230µA, see Table 1) current while
the final value OUT voltage is equal to the minimum supply
voltage. The C1 voltage is clamped at 5.7V (worst-case
6.0V):
RSS(MAX) =
VIN(MIN) – VZ(OUT)
IVSS(CP)
RSS(MAX) =
18V – 6V
230µA
= 52.3k
Step 2: Determine RIN
The value for resistor RINiscalculatedusingthecalculated
RSS value. RIN is chosen to provide enough headroom to
sufficiently charge C1 to 4.9V the maximum undervoltage
lockout2threshold(VUVLO2)whichstartsthechargepump.
The parameters that determine RIN include: minimum
supply voltage, the final C1 voltage, MOSFET threshold
voltage, RSS, 72µA maximum VSS pin current (regulation
amplifier on, IVSS(AMP)), and finally the 13µA maximum
start-up current in the VDD pin (IVDD(STHI)):
RIN(MAX) =
VIN(MIN) – VUVLO2 − VD − VTH − ISS(AMP) •RSS
(
)
IVDD(STHI)
RIN(MAX) =
18V − 4.9V − 0.58V − 5V − 72µA • 52.3k
(
)
13µA
RIN(MAX) = 287k
Table 1. Electrical Parameters Used in Design Example
SYMBOL
PARAMETER
CONDITIONS
TYP
MAX
VZ(OUT)
OUT Shunt Reg. Voltage
I = 1mA, BASE = 0V
5.7V
6.0V
VUVLO2
OUT Undervoltage Lockout 2
Rising
4.75V
4.9V
IVSS(CP)
VSS Pin Current – Charge Pump On
–160µA
–230µA
IVSS(AMP)
VSS Pin Current – Regulation Amplifier On
–45µA
–72µA
IVDD(STHI)
VDD Pin Current – Start-Up, Gate High
GATE Open, VDD = 7V, OUT = 0V
9µA
13µA
IGATE(ST)
GATE Pin Current – Start-Up
GATE = OUT = 0V
–7.5µA
–11µA
VUVLO1
OUT Undervoltage Lockout 1
Rising
2.55V
2.75V
Step 3: Find RSS(MAX)
In some cases this value for RSS is too large to charge C1
and power the overvoltage amplifier before the maximum
input voltage passes to the output. The voltage at the VSS
pinwhenIRIN=IRSSiscalledthematchpoint(VSS(MATCH)).
Choosing the match point (with supply at the maximum)
sufficientlybelowVREG(byatleast7V),allowsC1tocharge
up in time to protect the load from overvoltage:
RSS(MAX) =
RIN • VREG – 7V
(
)
VIN(MAX) −5V − VREG
RSS(MAX) =
287k • 43V – 7V
(
)
250V – 5V – 43V
= 51.1k
In this case the RSS value of 52.3k calculated in Step 1
is too large.
Step 4: Iterate Smaller RSS
Using 51.1k (RSS(MAX)) as the next guess for RSS, we can
now calculate RIN and RSS(MAX):
RIN =
18V – 4.9V − 0.58V − 5V − 72µA • 51.1k
(
)
13µA
RIN = 294k
RSS(MAX)
294k • 43V – 7V
(
)
250V – 5V − 43V
= 52.3k
In this case the RSS value of 51.1k is less than RSS(MAX)
and the solution is acceptable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com