Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 14Page - Linear Technology LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
18
Step 5: Determine CG, C1(MAX), Check RSS
The gate capacitor (CG) determines the gate slew rate and
therefore the slew rate of the OUT pin since the output
voltage follows the GATE pin. The voltage at the GATE pin
riseswithaslopeequalto 7.5µA/CGatstartupand20µA/CG
when the charge pump is on. Limiting this slope will limit
the inrush current charging the load capacitance where:
IINRUSH =
CLOAD
CG
•IG
In this example we choose CG to be 10nF which limits the
inrush current to be 660mA for a 330µF CLOAD.
C1 is used as a bypass capacitor for the circuitry between
the OUT and VSS pins. C1 also stabilizes the shunt regula-
tor that clamps the voltage between these pins where the
minimum value for regulator stability is 0.22µF. An even
greater 0.47µF value is desired for C1 to protect the OUT
to VSS circuitry from transients on the OUT pin.
The startup into an overvoltage creates an upper bound-
ary on the value of C1. The value of CG, RSS and RVIN
determines a maximum C1 that will reach UVLO1 and
power the regulation amplifier before the OUT pin voltage
exceeds the overvoltage threshold. If our desired value
for C1 (0.47µF) exceeds the maximum allowed C1 then
a smaller RSS must be used to iterate a new solution for
C1(MAX). We start with calculating VSS(MATCH):
VSS(MATCH) =
RSS
RSS +RVIN
• VIN – VZ(VDD)
(
)
If we use the worst-case 1% maximum value for RSS
(51.6k) and minimum value for RVIN (291k):
VSS(MATCH) = 35.8V
C1(MAX) =
–CG • RSS +RIN
(
) VREG – VSS(MATCH)
(
)
IG •RSS •RIN •In 1–
2 • VUVLO1
VREG – VSS(MATCH)
Usetheworst-casemaximumgatecurrentof11µAinstead
of the typical 7.5µA and the worst-case minimum UVLO1
APPLICATIONS INFORMATION
threshold, 2.75V:
C1(MAX) =
–10nF • 51.6k + 291k
(
) 43V – 35.8V
(
)
11µA • 51.6k • 291k •In 1– 2 • 2.75V
43V − 35.8V


or
C1(MAX) = 0.1µF
This limit on C1 does not meet the shunt regulator stability
requirements (C1 > 0.22µF).
If we desire a larger value of C1 then a lower size of RSS
is required. A lower value for RSS is 48.7k, which calls
out an RIN value of 309k and a max C1 value of 0.27µF.
The next lower value of 46.4k with RVIN of 324k, results
in the worst-case maximum C1 value of 0.49µF. A larger
C1 increases circuit immunity to transients in exchange
for slightly higher current. Therefore, a selection of com-
ponents that allow a 0.47µF C1 is recommended.
The lowered RSS value of 46.4k now considers the toler-
ances of all the components that set the C1 ramp rate to
guarantee it charges to the 2.55V UVLO1 threshold before
the OUT voltage exceeds the overvoltage threshold.
Step 6: Determine RFB1, RFB2
The feedback resistors, RFB1 and RFB2, are chosen to
regulatetheovervoltageat43V.Onewaytoquicklychoose
these resistors is to assign 100µA or 1.2V across a 12.4k
RFB1. RFB2 would need to drop the remainder of the regu-
lated voltage. Dividing this remainder by 100µA yields the
value for RFB2. In this example RFB2 drops 41.8V. When
divided by 100µA it results in a 422k value.
Step 7: Determine CT, R1
DuringanovervoltagethepowerdissipatedintheMOSFET
is dependent on the load current and the difference be-
tween the supply and regulated voltages. It is necessary
to keep the device power in a safe range. In the power
MOSFET data sheets there is a maximum safe operating
curve displaying current versus drain to source voltage
for a fixed pulsed time. Other pulsed time data from DC
to 10µs are plotted on the one graph. The different lines
of operation generally follow a constant power squared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com