Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 15Page - Linear Technology LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology LTC2913 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
19
APPLICATIONS INFORMATION
VDD
SD
R1
470k
R2
100k
OUT
CG
2nF
GATE
M1
IXTH12N100L
SD
FB
CT
3.3nF
C1
0.47µF
RFB1
12.4k
VOUT
0.5A
(200V CLAMP)
VIN
160V (RECTIFIED 110V AC)
100V TO 800V
RFB2
2M
436612 F07
RSS
412k
RG
10
RIN
4.64M
Q1
BF722
LTC4366-2
TIMER
BASE
VSS
DANGER! Lethal Voltages Present
Figure 7. Rectified 110V AC Supply Protected from 220V AC
times time or P2t. Knowing the power we then adjust
the time using the timer capacitor to limit the P2t during
overvoltage. In this example the MOSFET data sheet has
a 6400W2s P2t for a 10ms single pulse.
In this application 250V minus 43V is applied across the
MOSFET at 3A. If the power is applied for less than 16.5ms
then MOSFET P2t limit is not exceeded:
P = (250V – 43V) • 3A = 621W
P2t = (621W)2 • 16.5ms = 6363W2s
Prior to the moment when the output is regulated at 43V,
the output is ramping from 28V to 43V. This ramp time is
based on the 20µA gate current charging the 10nF capaci-
tor. Using the equation for ramp time:
∆t = CG •
∆V
IG
= 10nF • 15V
20µA
= 7.5ms
To be safe we set the overvoltage time to 10ms. We set the
regulation time to be 2.5ms (the remainder of the 10ms
overvoltage time minus the ramp time). In this example
it is assumed the 250V overvoltage is a constant DC volt-
age for 10ms. This duration exceeds Mil-Std-1275 which
specifies a 70µs surge to 250V that decays in 1.6ms. Us-
ing the following equation (based on charging with 9µA)
to set the CT:
CT =IT •
∆t
∆V
= 9µA •
2.5ms
2.8V
≈ 8.2nF
In order to limit the SD pin current (10mA max) a collector
resistor, R1, in series with Q1 is required. The maximum
value for this resistor is around 5M. This requirement oc-
curs when the pull-down is required to sink 1.6µA from
SD and VDD is clamped at 12V. High valued resistors are
susceptibletoleakagecurrentssowechosea470kresistor
for R1. Resistor R2 provides ESD protection for Q1’s base.
The gate resistor RG limits the parasitic trace capacitance
on M1’s gate node that could lead to parasitic MOSFET
self-oscillation. The recommended value for RG is 10Ω.
High Voltage Application
In Figure 7 the circuit accepts 110V AC (rectified to 160V)
and protects the load from accidental connection to 220V
AC by limiting the output to less than 200V. The circuit
has a 100V to 800V VIN operating range where the FET
breakdown voltage limits the maximum input voltage. The
C1issetto0.47µFtoprovideabypassforthechargepump
that is large enough to provide good noise immunity from
outside voltage transients. The timer capacitor is sized to
give a 1ms overvoltage regulation time that keeps the P2t
below the 640W2s specified for this MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com