Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2913 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2913
Description  High Voltage Surge Stopper
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2913 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2913 Datasheet HTML 16Page - Linear Technology LTC2913 Datasheet HTML 17Page - Linear Technology LTC2913 Datasheet HTML 18Page - Linear Technology LTC2913 Datasheet HTML 19Page - Linear Technology LTC2913 Datasheet HTML 20Page - Linear Technology LTC2913 Datasheet HTML 21Page - Linear Technology LTC2913 Datasheet HTML 22Page - Linear Technology LTC2913 Datasheet HTML 23Page - Linear Technology LTC2913 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
LTC4366
436612fe
For more information www.linear.com/LTC4366
23
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
1/12
Added Patents Pending statement
Revised Figure 4 in Applications Information section
1
11
B
2/12
Removed reference to overcurrent faults under MOSFET Selection
Fixed orientation of M2 in Figure 8
13
18
C
8/12
Updated Shutdown current from <20µA to <14µA
Changed MOSFET part number and Gate Capacitor value used in the Typical Application
Added MP-grade order information and specifications
Added negative sign to graphs G12 x-axis and G18, G21 y-axis
Changed MOSFET part number in Figure 1 and Figure 6
Added section GATE Capacitor, CG
Changed ILOAD current from 5A to 3A in Design Example
Updated C1(MAX) values in Step 5 calculations to 0.27µF and worst case 0.49µF
Updated calculated values in Step 7, added supporting text
Changed MOSFET part number and GATE capacitor used in Figure 7
1
1
2, 3, 4, 5
6, 7
11, 16
15
16
18
19
19
D
8/13
Simplified Diagram: Corrected amplifier’s input polarity in Regulate Diagram
Functional Diagram: Added switch in series with TIMER pull-down current
9
9
E
8/15
Clarified “Ambient” on Operating Temperature Range; raised TJMAX to 150°C
TIMER Pin Function: Changed 278ms/µF to 311ms/µF
Figures 1, 6, 8: Changed CT to 8.2nF from 10nF
In CT equation, changed constant to 3.2 from 3.5; updated CT calculation
2
8
11, 16, 20
12, 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com