Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6413
Description  High Speed LDO Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6413 Datasheet HTML 1Page - Torex Semiconductor XC6413 Datasheet HTML 2Page - Torex Semiconductor XC6413 Datasheet HTML 3Page - Torex Semiconductor XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 15, 2003 Ver. 1
! Low Power Consumption
: 35
µA (TYP.)
" APPLICATIONS
! Dropout Voltage
: 60mV @ 30mA
# Mobile phones, Cordless phones
: 200mV @ 100mA
# Wireless communication equipment
! Maximum Output Current
: more than 300mA (380mA limit)
# Cameras, Video recorders
(1.8V
≤VROUT≤5.3V)
# Portable games
! Highly Accurate
:
± 2%
# Portable AV equipment
! VR Setting Output Voltage Range
: 0.9V ~ 5.5V
# Reference voltage
! Detect Voltage Setting Range
: 0.9V ~ 6.0V (VIN :
≥2.0V)
# Battery powered equipment
! Low ESR capacitor compatible
" GENERAL DESCRIPTION
" FEATURES
Maximum Output Current
: more than 300mA
(380mA limit)
(1.8V
≤VROUT≤5.3V)
Dropout Voltage
: 200mV (IROUT=100mA)
Maximum Operating Voltage
: 2.0V ~ 10.0V
VR Setting Output Voltage Range
: 0.9V~ 5.5V (0.1V step)
VD Detect Voltage Setting Range
: 0.9V ~ 6.0V (0.1V step)
When monitoring VIN
: more than 2.0V
VR setting voltage accuracy
: ± 2%
VD detect voltage accuracy
: ± 2%
VR.VD Temperature Coefficient
: ±100ppm/
OC (TYP.)
Low Power Consumption
: TYP. 35
µA
High Ripple Rejection
: 65dB (10kHz)
Low Output Noise
: 30mVrms
Low ESR Capacitor Compatible
: Ceramic capacitor
Ultra Small Packages
: SOT-25 (SOT-23-5)
: USP-6B
: SOT-89-5
Operational Ambient Temperature:
: - 40 ~ 85
OC
" TYPICAL APPLICATIONS
XC6413A ~ D Series
XC6413E Series
XC6413F Series
XC6413 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Voltage Detector Function
The XC6413 series are highly precise, low noise, positive voltage LDO
regulators with voltage detector manufactured using CMOS processes.
More the series achieves high ripple rejection and low dropout and
consists of a voltage reference, an error amplifier, a current limiter and a
phase compensation circuit plus a driver transistor. Detect voltage is
selectable in 0.1V increments within a range of 0.9V ~ 6.0V and VR
output voltage is selectable within a range of 0.9V~5.5V.
The series is also compatible with low ESR ceramic capacitors which
give added output stability. This stability can be maintained even during
load fluctuations due to the excellent transient response of the series.
The current limiter's foldback circuit also operates as a short protect for
the output current limiter and the output pin.
The series provides options to choose suited functions to each systems
such as detector monitoring, detector output logic, CE and EN pin input
logic, internal pull-up / down resistance, power ready (PR) function.
The IC's internal regulator circuitry can be in stand-by mode by the EN
function with the XC6413 A to C series.
The whole IC's circuitry can be in stand-by mode via CE function with the
XC6413D series (semi-custom). In the stand by mode, power
consumption can be greatly reduced.
XC6413 A and B series has toggle operation function. The regulator
output can be OFF when XC6413B series detect voltage (semi-custom).
XC6413E series can monitor the other power source by using VSEN pin
(semi-custom).
By the function to delay capacitor, XC6413F series can delay VD output.
Delay time can be regulated by a capacitor (semi-custom).
Options setup of detector monitoring, detector output logic, CE/EN pin
input logic, internal pull-up and pull-down resistance etc. are possible.
The function such as Power Ready (PR) function which suited systems,
can be chosen (semi-custom).
VSS
1
2
3
4
VROUT 5
VDOUT
VIN
EN/CE
CI
1
µ
CL
1
µF
Rpull
220K
VSS
1
2
3
4
VROUT
5
VDOUT
VIN
VSEN
CIN
1
µF
CL
1
µF
Rpull
220K
VSS
1
2
3
4
VROUT
5
VDOUT
VI
Cd
CIN
1
µF
CL
1
µF
Rpull
220K
Cd
0.01
µF
Semiconductor Ltd.
1


Similar Part No. - XC6413

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6413 TOREX-XC6413 Datasheet
631Kb / 20P
High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6413

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
High Current, High Speed LDO Regulators
XC6213 TOREX-XC6213 Datasheet
70Kb / 5P
High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
High Current, High Speed LDO regulators
XC6204A18AM TOREX-XC6204A18AM Datasheet
336Kb / 26P
High Speed LDO Regulators
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Minilogic Device Corpor...
ML6204 MINILOGIC-ML6204 Datasheet
973Kb / 19P
High Speed LDO Regulators
logo
Torex Semiconductor
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
High Current, High Speed LDO Regulators
logo
Minilogic Device Corpor...
ML6209 MINILOGIC-ML6209 Datasheet
476Kb / 14P
High Speed LDO Regulators
logo
Torex Semiconductor
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
High Speed "Green Operation" LDO Voltage Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
1A Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com