Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6413
Description  High Speed LDO Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor XC6413 Datasheet HTML 10Page - Torex Semiconductor XC6413 Datasheet HTML 11Page - Torex Semiconductor XC6413 Datasheet HTML 12Page - Torex Semiconductor XC6413 Datasheet HTML 13Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
<Toggle Operation>
" NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please strengthen VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
In case that rapid input fluctuation or load fluctuation are occurred, please enlarge capacitor value such as CIN or CL
to stabilize the operation.
EN Logic "High" Active
XC6413 series has built-in toggle ON/OFF switch which repeats an on/off operation via the EN pin's leading edge signal when the EN logic is "High"
active, and via the EN pin's falling edge signal when the EN logic is "Low" active (Please also refer the figure below). Please input EN input signal more
than 500nsec. If the EN input signal is less than 500nsec, there is the case that the circuit falls to respond and the toggle function cease to work. To
operate the toggle function properly, please eliminate the noise from EN signal by using RC filter, etc. A flip-flop FF used for toggle operation can be
reset within the XC6413B series directly by the signal from the voltage detector. The signal of the voltage detector will be transformed to one-shot signal
to reset FF. The voltage regulator output when the EN pin release the signal again.
XC6413 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Voltage Detector Function
VIN
VSS
EN
VROUT
VDOUT
Rpull
220k
Ω
1
µF
CL
CIN
1
µF
1.5k
Ω
0.1
µF
VIN
VIN
GND
EN pin signal
VROUT
VROUT
GND
more than 500nsec
Internal Circuit - Response time
approx.10
µsec
Semiconductor Ltd.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com