Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6413
Description  High Speed LDO Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6413 Datasheet HTML 1Page - Torex Semiconductor XC6413 Datasheet HTML 2Page - Torex Semiconductor XC6413 Datasheet HTML 3Page - Torex Semiconductor XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
" ELECTRICAL CHARACTERISTICS
XC6413 FV / FX / FY / FZ Series
Ta=25OC
NOTE:
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever an amply stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value. Refer E-0 chart for VDF(T) less than 1.5V.
(NOTE 9) VD output current = sink current value when detecting.
IROUT=100mA
VR Output Voltage
Temperature Characteristics
∆VROUT
IROUT=30mA
∆Topr ⋅ VROUT
-40
OC
≤Topr≤85OC
MAX
UNITS
VR Current Limiter
(1.8V or more)
IRlim
VIN=3.1V @ VROUT
≤ 2.1V
IROUTMAX
VR Maximum Output Current
(0.9 ~ 1.7V product)
VIN = 3.1V
VIN
VR Line Regulation
∆VROUT
VR Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
150
MIN
TYP
Low ESR Cap. Compatible, Voltage Detector Function
High Speed LDO Regulators
CIRCUIT
mA
1
mA
1
XC6413 Series
PARAMETER
SYMBOL
CONDITIONS
VR Output Voltage
VROUT(E)
IROUT=30mA
VR Load Regulation
∆VROUT
1mA
≤IROUT≤100mA
∆VIN ⋅ VROUT
IROUT=30mA
Input Voltage
1
VR Maximum Output Current
(1.8 ~ 5.3V product)
IROUTMAX
VIN=3.1V @ VROUT
≤ 2.1V
300
x 0.98
VROUT(T)
x 1.02
V
VR Dropout Voltage
Vdif1
IROUT=30mA
E-1
Vdif2
15
E-2
2
50
mV
1
mV
1
1
mV
1
Supply Current
(FV / FX / FY / FZ Series)
IDD
VIN=VROUT(T)+1.0V
35
70
µA
VROUT(T)+1.0V
≤VIN≤10.0V
10.0
V
0.01
0.20
% / V
2.0
-
ppm /
OC
1
3
When VROUT(T)
≤ 1.25V
! VIN=2.25V+0.5Vp-pAC
IROUT=50mA, f=10kHz
65
±100
380
mA
dB
1
VR Current Limiter
(1.7V or less)
IRlim
VIN=3.1V
380
mA
1
300
1
Short-circuit Current
IRshort
VIN=VROUT(T)+1.0V
VIN=3.1V @ VROUT
≤ 2.1V
6.0
10.5
mA
50
x 0.98
VDF (T)
x 1.02
V
VDF (E)
VDOUT = 0.5V
x 0.02
4
VD Hysterisis Range
VHYS
VDF (T)
VDF (T)
VDF (T)
V4
VD Detect Voltage
x 0.05
x 0.08
VIN = 4.0V
5.0
9.5
2.0
5.0
VIN = 3.0V
4.0
7.5
6.5
11.5
VD Detect Voltage
Temperature Characteristics
∆VDF /
-40
OC
≤Topr≤85OC
±100
12.5
∆Topr ⋅ VDF
VD Output Current
IDOUT
VIN = 7.0V
VIN = 8.0V
VIN = 9.0V
VIN = 10.0V
VIN = 2.0V
VIN = 5.0V
VIN = 6.0V
13.5
8.0
14.5
7.0
7.5
14.5
ppm /
OC
6
2.0
3.5
M
Ω
4
Delay Resistance=7.0V/Delay Current
(NOTE 3) VOUT(E)=Actual VR Output Voltage
mA
5
Delay Resistance
Delay
VIN=7.0V, Cd=0V
1.0
8.5
(I.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
Semiconductor Ltd.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com