Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6413
Description  High Speed LDO Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6413 Datasheet HTML 1Page - Torex Semiconductor XC6413 Datasheet HTML 2Page - Torex Semiconductor XC6413 Datasheet HTML 3Page - Torex Semiconductor XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
" ORDERING INFORMATION
XC6413
123456
Denotes Optional Functions :
A : Toggle and EN Function (preliminary)
Denotes Packaging Types:
C : EN Function (preliminary)
D : USP-6B
D : CE Function (preliminary)
M : SOT-23
E : VSEN Pin (preliminary)
P : SOT-89-5
F : Cd Pin
Denotes Types :
As in the chart below.
Denotes Taping Direction:
R: Standard feed
L : Reverse feed
Detect Voltage Setting Range : 0.9V ~ 6.0V
0.1V step increments is available
PIN NUMBER :
2 Types
* XC6413A, B, C, D, E Series are are under development. For further detail, please ask your sales contacts.
PIN NUMBER
PIN NUMBER
FUNCTION
1
XC6413 Series
High Speed LDO Regulators
Low ESR Cap. Compatible, Voltage Detector Function
FUNCTION
2
34
6
5
Sequence Number according to R&D standard in
regards to output voltage and detect voltage
VR Setting Output Voltage Range : 0.9V ~ 5.5V
B : Toggle, EN Function, VD signal/VR OFF function
(preliminary)
E
F
H
A
B
C
D
M
N
P
K
L
U
V
X
R
S
T
Y
Z
EN / CE FUNCTION
EN / CE LOGIC
Function
Function
Function
Function
Function
Function
VD SENSE PIN
VD OUTPUT LOGIC
PULL UP/DOWN
RESISTANCE
PIN NUMBER
1
Function
Function
Function
Function
Function
Function
Function
Function
Function
Function
Nonfunctional
Nonfunctional
Nonfunctional
Nonfunctional
High Active
Function
High Active
Function
High Active
Nonfunctional
High Active
Nonfunctional
VIN
Detect L
High Active
Function
VIN
Detect H
VROUT
Detect L
High Active
Function
VROUT
Detect H
VIN
Detect L
High Active
Nonfunctional
VIN
Detect H
VROUT
Detect L
High Active
Nonfunctional
VROUT
Detect H
Low Active
Function
VIN
Detect L
Low Active
Function
VIN
Detect H
Low Active
Function
VROUT
Detect L
Nonfunctional
VIN
Detect L
Low Active
Function
VROUT
Detect H
A ~ D Series
Low Active
Nonfunctional
VROUT
Detect L
Low Active
Nonfunctional
VIN
Detect H
Low Active
Low Active
Nonfunctional
VROUT
Detect H
--
Detect H
-
-
VIN / VSEN
Detect L
-
-
VROUT
Detect H
2
VROUT
Detect L
-
-
VIN / VSEN
E & F Series
F Series
Semiconductor Ltd.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com