Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6413 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6413
Description  High Speed LDO Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6413 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6413 Datasheet HTML 1Page - Torex Semiconductor XC6413 Datasheet HTML 2Page - Torex Semiconductor XC6413 Datasheet HTML 3Page - Torex Semiconductor XC6413 Datasheet HTML 4Page - Torex Semiconductor XC6413 Datasheet HTML 5Page - Torex Semiconductor XC6413 Datasheet HTML 6Page - Torex Semiconductor XC6413 Datasheet HTML 7Page - Torex Semiconductor XC6413 Datasheet HTML 8Page - Torex Semiconductor XC6413 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
" ODERING INFORMATION (CONTINUED)
PIN NUMBER
3, 4 Type (80 ~ 99 : Standard voltage products)
Except for the standard products, minimum ordering quantity is 15K.
" ABSOLUTE MAXIMUM RATINGS
" PACKAGING INFORMATION
$ SOT-25 (SOT-23-5)
$ SOT-89-5
$ USP-6B
PARAMETER
OC
mA
- 55 ~ + 125
500
- 40 ~ + 85
OC
V
mW
UNITS
V
50
VSS -0.3 ~ VIN + 0.3
V
mA
V
VSS -0.3 ~ 12.0
12
700
VRIOUT
VROUT
250
VDIOUT
VCE /
VSS -0.3 ~ VIN +0.3
Pd
100
VIN PIN Voltage
VROUT Current
VDOUT Current
VCE / VSEN / Cd
Pin Voltage
VD Pin Voltage
VROUT Pin Voltage
VSEN / Cd
VDOUT
Storage Temperature
SOT-25
SOT-89-5
USP-6B
Continuous Total
Power Dissipation
Operating Ambient Temperature
Tstg
Low ESR Cap. Compatible, Voltage Detector Function
VDOUT
34
87
2.8
3.1
91
1.8
2.0
XC6413 Series
High Speed LDO Regulators
05
06
07
08
34
VROUT
09
01
02
03
04
2.5
2.8
3.0
4.2
2.85
3.2
3.0
3.3
3.5
3.8
12
13
14
VROUT
VDOUT
11
15
16
81
82
83
19
17
18
84
85
86
88
VROUT
VDOUT
80
1.8
1.6
34
34
VROUT
VDOUT
90
92
93
94
95
96
97
98
99
20
89
10
SYMBOL
VIN
Topr
RATINGS
3.3
4.0
6
5
4
1
2
3
A’
A
1
.
4
5
6
3
2
1
1
1
1
1
2.0 + 0.15
(0.45) 0.5+0.1
(0.05)
(0.45) (0.45)
45
O
45O
0.7+0.03
1.0+0.1
0.25+0.1
0.25+0.1
Semiconductor Ltd.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com