Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX3003 Datasheet HTML 7Page - Maxim Integrated Products MAX3003 Datasheet HTML 8Page - Maxim Integrated Products MAX3003 Datasheet HTML 9Page - Maxim Integrated Products MAX3003 Datasheet HTML 10Page - Maxim Integrated Products MAX3003 Datasheet HTML 11Page - Maxim Integrated Products MAX3003 Datasheet HTML 12Page - Maxim Integrated Products MAX3003 Datasheet HTML 13Page - Maxim Integrated Products MAX3003 Datasheet HTML 14Page - Maxim Integrated Products MAX3003 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
______________________________________________________________________________________
11
Pin Description (continued)
PIN
TSSOP
UCSP
NAME
FUNCTION
1
B1
I/O VL1A
Input/Output 1A, Referenced to VL
2
A1
VL
Logic Input Voltage, +1.2V
≤ VL ≤ VCC. Bypass VL to GND with a 0.1µF capacitor.
3
A2
I/O VL2A
Input/Output 2A, Referenced to VL
4
B2
I/O VL3A
Input/Output 3A, Referenced to VL
5
A3
I/O VL4A
Input/Output 4A, Referenced to VL
6
B3
I/O VL1B
Input/Output 1B, Referenced to VL
7
A4
I/O VL2B
Input/Output 2B, Referenced to VL
8
B4
I/O VL3B
Input/Output 3B, Referenced to VL
9
A5
I/O VL4B
Input/Output 4B, Referenced to VL
10
B5
EN A/B
Enable Input. If EN A/B is pulled low, channels 1B through 4B are active, and channels 1A
through 4A are in three-state. If EN A/B is driven high to VL, channels 1A through 4A are
active, and channels 1B through 4B are in three-state.
11
C5
GND
Ground
12
D5
I/O VCC4B
Input/Output 4B, Referenced to VCC
13
C4
I/O VCC3B
Input/Output 3B, Referenced to VCC
14
D4
I/O VCC2B
Input/Output 2B, Referenced to VCC
15
C3
I/O VCC1B
Input/Output 1B, Referenced to VCC
16
D3
I/O VCC4A
Input/Output 4A, Referenced to VCC
17
C2
I/O VCC3A
Input/Output 3A, Referenced to VCC
18
D2
I/O VCC2A
Input/Output 2A, Referenced to VCC
19
D1
VCC
VCC Input Voltage, +1.65V
≤ VCC ≤ +5.5V. Bypass VCC to GND with a 0.1µF capacitor.
20
C1
I/O VCC1A
Input/Output 1A, Referenced to VCC
MAX3003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com