Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 20 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 20 Page - Maxim Integrated Products

Back Button MAX3003 Datasheet HTML 16Page - Maxim Integrated Products MAX3003 Datasheet HTML 17Page - Maxim Integrated Products MAX3003 Datasheet HTML 18Page - Maxim Integrated Products MAX3003 Datasheet HTML 19Page - Maxim Integrated Products MAX3003 Datasheet HTML 20Page - Maxim Integrated Products MAX3003 Datasheet HTML 21Page - Maxim Integrated Products MAX3003 Datasheet HTML 22Page - Maxim Integrated Products MAX3003 Datasheet HTML 23Page - Maxim Integrated Products MAX3003 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
20
______________________________________________________________________________________
MAX3000E/MAX3001E/MAX3002
MAX3004–MAX3012
20 UCSP
(Bottom View)
MAX3003
20 UCSP
(Bottom View)
I/O VCC2
VCC
I/O VCC4
I/O VCC6
I/O VCC3
I/O VCC1
I/O VCC5
I/O VCC7
I/O VL3
I/O VL1
I/O VL5
I/O VL7
I/O VL2
VL
I/O VL4
I/O VL6
I/O VCC8
GND
EN
I/O VL8
1
B
A
C
D
234
5
I/O VCC4A
VCC
I/O VCC2B
I/O VCC4B
I/O VCC1B
I/O VCC1A
I/O VCC3B
GND
I/O VL1B
I/O VL1A
I/O VL3B
EN A/B
I/O VL4A
VL
I/O VL2B
I/O VL4B
I/O VCC2A
I/O VCC3A
I/O VL3A
I/O VL2A
1
B
A
C
D
345
2
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
I/O VL1
I/O VL2
I/O VL3
I/O VL4
I/O VL5
I/O VL6
I/O VL7
I/O VL8
EN
TOP VIEW
12
11
9
10
I/O VCC8
I/O VCC7
I/O VCC6
I/O VCC5
I/O VCC4
I/O VCC3
I/O VCC2
VCC
I/O VCC1
GND
MAX3000E/MAX3001E/
MAX3002
TSSOP
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
VL
I/O VL1A
I/O VL2A
I/O VL3A
I/O VL4A
I/O VL1B
I/O VL2B
I/O VL3B
I/O VL4B
EN A/B
12
11
9
10
I/O VCC4B
I/O VCC3B
I/O VCC2B
I/O VCC1B
I/O VCC4A
I/O VCC3A
I/O VCC2A
VCC
I/O VCC1A
GND
MAX3003
TSSOP
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com