Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX3003 Datasheet HTML 12Page - Maxim Integrated Products MAX3003 Datasheet HTML 13Page - Maxim Integrated Products MAX3003 Datasheet HTML 14Page - Maxim Integrated Products MAX3003 Datasheet HTML 15Page - Maxim Integrated Products MAX3003 Datasheet HTML 16Page - Maxim Integrated Products MAX3003 Datasheet HTML 17Page - Maxim Integrated Products MAX3003 Datasheet HTML 18Page - Maxim Integrated Products MAX3003 Datasheet HTML 19Page - Maxim Integrated Products MAX3003 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
16
______________________________________________________________________________________
ESD Test Conditions
ESD performance depends on a variety of conditions.
Contact Maxim for a reliability report that documents
test setup, test methodology, and test results.
Human Body Model
Figure 7a shows the Human Body Model and Figure 7b
shows the current waveform it generates when dis-
charged into a low impedance. This model consists of
a 100pF capacitor charged to the ESD voltage of inter-
est, which is then discharged into the test device
through a 1.5k
Ω resistor.
Machine Model
The Machine Model for ESD tests all pins using a
200pF storage capacitor and zero discharge resis-
tance. Its objective is to emulate the stress caused by
contact that occurs with handling and assembly during
manufacturing. Of course, all pins require this protec-
tion during manufacturing, not just inputs and outputs.
Therefore, after PC board assembly, the Machine
Model is less relevant to I/O ports.
Applications Information
Power-Supply Decoupling
To reduce ripple and the chance of transmitting incor-
rect data, bypass VL and VCC to ground with a 0.1µF
capacitor. To ensure full ±15kV ESD protection, bypass
VCC to ground with a 1µF capacitor. Place all capaci-
tors as close to the power-supply inputs as possible.
I2C Level Translation
For I2C level translation for I2C applications, please refer
to the MAX3372E–MAX3379E/MAX3390E–MAX3393E
datasheet.
Unidirectional vs. Bidirectional Level
Translator
The MAX3000E/MAX3001E/MAX3002/MAX3003 can
also be used to translate signals without inversion.
These devices provide the smallest solution (UCSP
package) for unidirectional level translation without
inversion.
P
ONE-SHOT
N
ONE-SHOT
VL
VCC
OVCC
IVL
6k
Ω
6k
Ω
P
ONE-SHOT
N
ONE-SHOT
VL
VCC
IVCC
OVL
6k
Ω
6k
Ω
TYPICAL DRIVING ONE CHANNEL ON VCC SIDE
TYPICAL DRIVING ONE CHANNEL ON VL SIDE
MAX3001E/MAX3002–MAX3012
Figure 5. MAX3001E/MAX3002–MAX3012 Simplified Functional
Diagram (1 I/O Line)
0
VTH_IN/6k
Ω
-(VS - VTH_IN)/6k
Ω
IIN
VTH_IN
VS
VIN
WHERE VS = VCC OR VL
Figure 6. Typical IIN vs. VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com