Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3003 Datasheet HTML 1Page - Maxim Integrated Products MAX3003 Datasheet HTML 2Page - Maxim Integrated Products MAX3003 Datasheet HTML 3Page - Maxim Integrated Products MAX3003 Datasheet HTML 4Page - Maxim Integrated Products MAX3003 Datasheet HTML 5Page - Maxim Integrated Products MAX3003 Datasheet HTML 6Page - Maxim Integrated Products MAX3003 Datasheet HTML 7Page - Maxim Integrated Products MAX3003 Datasheet HTML 8Page - Maxim Integrated Products MAX3003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
All Voltages Referenced to GND
VCC ...........................................................................-0.3V to +6V
VL...........................................................................................-0.3V to +6V
I/O VCC_......................................................-0.3V to (VCC + 0.3V)
I/O VL_ ...........................................................-0.3V to (VL + 0.3V)
EN, EN A/B ...............................................................-0.3V to +6V
Short-Circuit Duration I/O VL_, I/O VCC_ to GND .......Continuous
Continuous Power Dissipation (TA = +70
°C)
20-Pin TSSOP (derate 7.0mW/
°C above +70°C) .........559mW
20-Pin UCSP (derate 10mW/
°C above +70°C) ............800mW
Operating Temperature Ranges
MAX3001EAUP .............................................-40
°C to +125°C
MAX300_EE_P .................................................-40
°C to +85°C
MAX30_ _E_P ..................................................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range ............................-65
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
ELECTRICAL CHARACTERISTICS
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012), EN A/B = VL or 0
(MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
VL Supply Range
VL
1.2
5.5
V
VCC Supply Range
VCC
1.65
5.50
V
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3000E/MAX3002–MAX3012
0.1
10
Supply Current from VCC
IQVCC
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3001E
0.1
50
µA
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3000E/MAX3002–MAX3012
0.1
10
Supply Current from VL
IQVL
I/O VCC_ = 0, I/O VL _ = 0
or I/O VCC_ = VCC, I/O VL _ = VL,
MAX3001E
0.1
50
µA
TA = +25
°C, EN = 0,
MAX3000E/MAX3001E/MAX3002/
MAX3004–MAX3012
0.1
2
VCC Shutdown Supply Current
ISHDN-VCC
TA = +25
°C, EN A/B = 0,
MAX3003
0.1
2
µA
TA = +25
°C, EN = 0,
MAX3000E/MAX3001E/MAX3002/
MAX3004–MAX3012
0.1
2
VL Shutdown Supply Current
ISHDN-VL
TA = +25
°C, EN A/B = 0,
MAX3003
0.1
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com