Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3003 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3003
Description  1.2V to 5.5V, 짹15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3003 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3003 Datasheet HTML 1Page - Maxim Integrated Products MAX3003 Datasheet HTML 2Page - Maxim Integrated Products MAX3003 Datasheet HTML 3Page - Maxim Integrated Products MAX3003 Datasheet HTML 4Page - Maxim Integrated Products MAX3003 Datasheet HTML 5Page - Maxim Integrated Products MAX3003 Datasheet HTML 6Page - Maxim Integrated Products MAX3003 Datasheet HTML 7Page - Maxim Integrated Products MAX3003 Datasheet HTML 8Page - Maxim Integrated Products MAX3003 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
+1.2V to +5.5V, ±15kV ESD-Protected, 0.1µA,
35Mbps, 8-Channel Level Translators
_______________________________________________________________________________________
5
TIMING CHARACTERISTICS (continued)
(VCC = +1.65V to +5.5V, VL = +1.2V to VCC, EN = VL (MAX3000E/MAX3001E/MAX3002/MAX3004–MAX3012), EN A/B = VL or 0
(MAX3003), TA = TMIN to TMAX. Typical values are at VCC = +1.65V, VL = +1.2V, and TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3000E
500
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3001E
10
Channel-to-Channel Skew
tSKEW
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
MAX3002–MAX3012
5
ns
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
∆TA = +20°C, MAX3000E (Note 3)
800
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
∆TA = +20°C, MAX3001E (Note 3)
30
Part-to-Part Skew
tPPSKEW
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
∆TA = +20°C, MAX3002–MAX3012 (Note 3)
10
ns
Propagation Delay from
I/O VL _ to I/O VCC_ after EN
tEN-VCC
CVCC = 50pF, MAX3000E/MAX3001E,
MAX3002–MAX3012, Figure 3
µs
CVL = 50pF, MAX3000E/MAX3001E/
MAX3002/MAX3004–MAX3012, Figure 4
2
Propagation Delay from
I/O VCC_ to I/O VL _ after EN
tEN-VL
CVL = 15pF, MAX3003, Figure 4
2
µs
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3000E
230
kbps
RS = 50
Ω, CVCC = 50pF, CVL = 50pF,
MAX3001E
4
Maximum Data Rate
RS = 50
Ω, CVCC = 50pF, CVL = 15pF,
MAX3002–MAX3012
20
Mbps
Note 3: VCC from device 1 must equal VCC of device 2; VL from device 1 must equal VL of device 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com