Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457ASJ Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 19Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 20Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 21Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 22Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 24Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Data Sheet
22
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Electrical Characteristics
6
Electrical Characteristics
6.1
Functional Device Characteristics
Table 6
Electrical Characteristics
5.5 V < VS <28V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.
Current Consumption
Current consumption at VS,
transmitter in Recessive state
IS,rec
0.1
0.3
0.7
mA ICC = 50 µA; Without RLIN;
TxD = “high”; VBUS = VS
P_6.1.1
Current consumption at VS,
transmitter in Dominate state
IS,dom
0.1
1.0
3.0
mA ICC = 50 µA; Without RLIN;
TxD = “low”; VBUS =0 V
P_6.1.2
Current consumption at VS,
Dominate State
IS,dom_max
70
71
73
mA ICC = 70 mA; Without RLIN;
TxD = “low”; VBUS =0 V
P_6.1.3
Current consumption at VSin
Standby Mode
IS,standby = IS - ICC
IS,standby
–20
40
µA
Standby Mode;
ICC =50 µA;
VS = VBUS = 13.5 V;
P_6.1.4
Current consumption at VS in
Sleep Mode
IS,Sleep
–
7
16
µA
Sleep Mode; VS = 13.5 V;
VBUS =VS; VCC =0V
P_6.1.5
Current consumption at VSin
Sleep Mode. Bus shorted to
GND
IS,SC_GND
250
–
800
µA
Sleep Mode;
VS = 13.5 V; VBUS =0 V;
VCC =0V
P_6.1.6
Power-up / Power-down
Power-on reset level on VS
VS,PON
––
3.0
V
–
P_6.1.7
Undervoltage threshold, VS on VS,UV,ON
4.7
5.15 5.5
V
Rising edge
P_6.1.8
Undervoltage threshold, VS off VS,UV,OFF
4.4
4.85 5.2
V
Falling edge
P_6.1.9
Undervoltage hysteresis on VS
VS,UV,hys = VS,UV,ON - VS,UV,OFF
VS,UV,hys
200
300
–
mV 2)
P_6.1.10
Undervoltage blanking time
tBLANK,UV
–10
–
µs
2)
P_6.1.11
Enable Input: EN
HIGH level input voltage
VEN,ON
2–
–
V
–
P_6.1.12
LOW level input voltage
VEN,OFF
––
0.8
V
–
P_6.1.13
Input hysteresis
VEN,hys
50
200
–
mV –
P_6.1.14
Pull-down resistance
REN
15
30
60
kΩ
–
P_6.1.15
Delay time for mode change,
EN → “low”
tMODE,LOW
10
–
50
µs
–
P_6.1.16
Delay time for mode change,
EN → “high”
tMODE,HIGH
––
5
µs
2)
P_6.1.17
Initialization Watchdog time
tInit_WD
200
–
1000 ms
–
P_6.1.18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com