Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457ASJ Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 9Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 11Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 12Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Data Sheet
13
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4.2.2
VSUndervoltage Detection
Figure 9
VS early undervoltage detection
The TLE8457 has an undervoltage detection on the supply pin VS with two different thresholds:
• In Normal Operation Mode the TLE8457 blocks the communication between the LIN bus and the
microcontroller when detecting an early undervoltage event. The RxD output will be set “high”. However,
no mode change will occur. After VS rises above the undervoltage release level VS,UV,REL, the bus
communication interface will be released when the signal on the TxD input goes “high”. See Figure 9.
• In case the power supply VS drops below the power-on reset level VS,PON the TLE8457 not only blocks the
transceiver communication, it also changes the operation mode to Init mode after recovery of VS, see
Figure 10. In Init Mode the TLE8457 indicates a power-up event on the RxD pin. The power-on reset
detection is active in all operation modes.
Figure 10
VS undervoltage detection
TLE8457_VS_EARLY_UNDERVOLTAGE_A
Power-on reset level
VS,PON
Normal Operation mode
Normal Operation mode
Blanking time
tblank,UV
No communication possible
Undervoltage release level
VS,UV,ON
Undervoltage hysteresis
VS,UV,hys
VS
Undervoltage blocking level
VS,UV,OFF
t
TLE8457_VS_UNDERVOLTAGE_A
Power-down
Normal Operation mode
Init mode (EN = “low“)
Normal Operation mode (EN = “high“)
Undervoltage hysteresis
VS,UV,hys
No communication possible
t
Undervoltage blocking level
VS,UV,OFF
VS
Power-on reset level
VS,PON
Blanking time
tblank,UV
Undervoltage release level
VS,UV,ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com