Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457ASJ Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 2Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 3Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 4Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 5Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 6Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 9Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
6
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4
Functional Description
4.1
Operating Modes
The operation mode of the TLE8457 is controlled with the EN and TxD input pins (see Figure 3 and Table 2).
The TLE8457 has 3 major operation modes:
•Normal Operation Mode
•Standby Mode
•Sleep Mode
Additionally the TLE8457 has an Init Mode that is automatically entered when powering up, detecting wake-
up events or in case of malfunctions.
Figure 3
Operation mode state diagram
TLE8457_MODE_DIAGRAM
1) Wake-up Source:
RxD:
logical „high“ after Power-up or Reset
RxD:
logical „low“ after BUS Wake-up detection
2) Reset:
NRST will stay „low“ during LDO failures and for the Reset time
tRST
Normal Operation Mode
LIN transceiver: On
LDO regulator: On
EN: High
NRST: High
Sleep Mode
LIN transceiver: Off
LDO regulator: Off
EN: Low
NRST: Low
BUS Wake-up
Init Mode
LIN transceiver: Off
LDO regulator: On
EN: Low
RxD: Wake-up source1)
NRST: High2)
EN
2
4
5
6
7
8
EN
AND
TxD
Standby Mode
LIN transceiver: Off
LDO regulator: On
EN: Low
NRST: High
Power-up
9
10
11
1
BU
S W
ake-up
12
3
V
CC
under
voltage
VCC
under
volt
ag
e
Recovery from over-
temperature event on
voltage regulator
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com