Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457ASJ Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE8457ASJ Datasheet HTML 1Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 2Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 3Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 4Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 5Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 6Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Data Sheet
2
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Overview
Description
The TLE8457 is a monolithic integrated LIN transceiver and Low Drop-Out voltage regulator. The device is
designed to supply a microcontroller and peripherals with up to 70mA, provide protection through VCC
undervoltage reset, while also offering bi-directional bus communication compliant to LIN Specification 2.2A
and SAE J2602. With the ultra low quiescent current consumption of typical 20 µA in Standby Mode the
TLE8457 is especially suited for applications that are permanently supplied by the battery.
Based on the Infineon BiCMOS technology the TLE8457 provides excellent ESD robustness together with a very
high level of electromagnetic compatibility (EMC). The TLE8457 is AEC qualified and tailored to withstand the
harsh conditions of the automotive environment.
Type
LDO VCC Output Voltage
Package
Marking
TLE8457ASJ
5 V
PG-DSO-8
8457A
TLE8457ALE
5 V
PG-TSON-8
8457A
TLE8457BSJ
3.3 V
PG-DSO-8
8457B
TLE8457BLE
3.3 V
PG-TSON-8
8457B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com