Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8457ASJ Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE8457ASJ
Description  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 3Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 4Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 5Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 6Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 9Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
Data Sheet
7
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
Table 1
Operation mode transitions
No. Reason for transition
Comment
1Power-on detection
The VS supply voltage rise above the VS,PON power-on reset level
2
Mode change with EN input
Triggered by logical “high” level
3
VCC undervoltage detection
VCCoutput voltage fall below the reset threshold level
4
Mode change with EN and TxD inputs Triggered by logical “low” level on EN and TxD
5
Mode change with EN input
Triggered by logical “high” level
6
Bus wake-up detection
RxD set “low” for signalling the bus wake-up event to the
microcontroller
7
Bus wake-up detection
RxD set “low” for signalling the bus wake-up event to the
microcontroller
8
Initialization watchdog timer
elapsed
Forced transition to Sleep Mode because of no response from
microcontroller after power-on, wake-up, reset or if local errors
are preventing VCC to power up
9
Mode change with EN and TxD inputs Triggered by logical “low” level on EN while TxD is held “high”
10 Mode change with EN input
Triggered by logical “high” level
11 Bus wake-up detection
RxD set “low” for signalling the bus wake-up event to the
microcontroller
12 VCC undervoltage detection
Detection of failure due to VCC undervoltage or recovery from an
over-temperature event
13 Recovery from LDO over-
temperature event
When over-temperature on the LDO is detected the TLE8457 is
disabled. After recover the device is activated in Init Mode
Table 2
Operating Mode Control
Mode
Control
Functionality
Comments
EN
TxD
VCC
NRST
RxD
Sleep
Low
Low
Off
Low
Floating –
Init
Low
High1)
1) The TxD input has a pull-up structure to VCC and is default set to logical “high” if left open.
On
High2)
2) NRST is logical “low” during VCC undervoltage and while issuing a reset pulse to the microcontroller.
Low
High
RxD “low” after a bus wake-up
RxD “high” after power-up or reset
Standby
Low
High1)
On
High
High
–
Normal
Operation
High
Low
High
On
High
Low
High
RxD reflects the signal on the bus
TxD driven by the microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com