Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1531DM Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MPQ1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1531DM Datasheet(HTML) 2 Page - Monolithic Power Systems

  MPQ1531DM Datasheet HTML 1Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 2Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 3Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 4Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 5Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 6Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVQ1531-M-00A – LOW PWR, TRI-OUTPUT STEP-UP + CHARGE PUMP FOR TFT BIAS
EVQ1531-M-00A Rev.1.0
www.MonolithicPower.com
2
5/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
3.3V
5V
NS
C1206
C1-2
2
1
NS
C0603
C26
2
1
0.33uF
C0603
C27
1
2
1N5819HW
SOD123
D1
2
1
0.33uF
C0603
C24
NS
C0603
C4
10k
R0603
R3
10nF
C0603
C2
5.6K
R0603
R4
10nF
C0603
C5
0.33uF
C0603
C20
10k
R0603
R5
NS
C0603
C13
2
1
56pF
C0603
C9
0.33uF
C0603
C16
100k
R0603
R1-2
1
GND
1
GND
1
VGH
2
1
NS
C0603
C25
2
1
0.33uF
C0603
C23
2
1
0.33uF
C0603
C22
2
1
0.1uF
C0603
C6
0.33uF
C0603
C14
2
1
56pF
C0603
C11
1
EN
1
VGL
-10V
1
GND
10uF/16V
C0805
C3
NS
C0805
C3-2
1
2 100k
R0603
R1
1
RDY
1
GND
1
VMAIN
22uF/25V
C1206
C1
0.1uF
C0603
C7
1
2
10
R0603
R6
1
2
110K R0603
R9
1
2
10K R0603
R8
2
1
NS
C0603
C21
2
1
0.33uF
C0603
C19
1uF/25V
C0805
C8
1uF/50V
C0805
C10
+15V
1
VIN
1
2
30k
R0603
R2
1
2
10
R0603
R10
1
2 80.6k
R0603
R7
0.33uF
C0603
C12
2
1
0.33uF
C0603
C18
0.33uF
C0603
C15
0.33uF
C0603
C17
NET00000
NET00001
GL
NET00003
CT
RDY
NET00007
COMP
CMP
NET00010
NET00012
NET00014
FB1
REF
FB2
NET00018
FB3
EN
NET00023
GH
VMAIN
NET00028
NET00029
JP1
TSSOP16
RDY
1
SW
15
FB1
2
CT
16
FB3
8
GL
10
FB2
7
EN
9
U1
MPQ1531
SW
SW
3V3
SOT23
1
2
D3
SOT23
3
D4
SOT23
3
D5
SOT23
3
D7
SOT23
1
2
D8
SOT23
1
2
D9
SOT23
3
D6
SOT23
3
D2
IN3
IN2
7x7x2.3mm
22uH/1A
L1
EVQ1531-M-00A BILL OF MATERIALS
Qty
Ref
Value Description
Package
Manufacturer Manufacturer P/N
1
C1
22μF
22μF, Ceramic
Capacitor, 25V, X5R
1206
Murata
GRM31CR61E226KE15L
7
C1-2, C3-2, C4, C13,
C21, C25, C26
NS
0603
Murata
2
C2, C5
10nF
10nF, Ceramic
Capacitor, 50V, X7R
0603
Murata
GRM188R71H103KA01D
1
C3
10μF
10μF, Ceramic
Capacitor, 16V, X5R
0805
Murata
GRM21BR61C106KE15L
2
C6, C7
0.1μF
0.1μF, Ceramic
Capacitor, 50V, X7R
0603
Murata
GRM188R71H104KA93D
2
C8, C10
1μF
1μF, Ceramic
Capacitor, 50V, X7R
0805
Murata
GRM21BR71H105KA12X
2
C9, C11
56pF
56pF, Ceramic
Capacitor, 50V, NPO
0603
Murata
GRM1885C1H560JA01D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com