Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1531DM Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MPQ1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1531DM Datasheet(HTML) 1 Page - Monolithic Power Systems

  MPQ1531DM Datasheet HTML 1Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 2Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 3Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 4Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 5Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 6Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVQ1531-M-00A
Low Power, Triple Output Step-Up
Plus Charge Pump for TFT Bias
EVQ1531-M-00A Rev.1.0
www.MonolithicPower.com
1
5/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Monolithic Power Systems
GENERAL DESCRIPTION
The EVQ1531-M-00A Evaluation Board is
designed to demonstrate the capabilities of
MPS’ MP1531 triple output step-up converter
with charge-pumps.
The MP1531 includes a 250KHz fixed-frequency
step-up converter and a positive and negative
linear regulator. The linear regulators are
powered via charge-pumps driven by the step-up
converter switch node.
A single on/off control enables all 3 outputs.
The outputs are internally sequenced at power-
on for ease of use. An internal soft-start
prevents overloading the input source at startup.
Cycle-by-cycle current limit reduces component
stress.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value Units
Input Voltage
VIN
2.7-5.0
V
Main Output Voltage
VMAIN
5
V
Main Output Current
IMAIN
100
mA
(+) Charge Pump Voltage
VGH
15
V
(+) Charge Pump Current
IGH
5
mA
(–) Charge Pump Voltage
VGL
–10
V
(–) Charge Pump Current
IGL
5
mA
FEATURES
 2.7V to 5.5V Operating Input Range
 500mA Switch Current Limit
 3 Outputs in Single Package
 Step-Up Converter up to 22V
 Positive 10mA Linear Regulator
 Negative 10mA Linear Regulator
 250mΩ Internal Power MOSFET Switch
 Up to 95% Efficiency
 1μA Shutdown Mode
 Fixed 250KHz Frequency
 Positive Regulator up to 38V
 Negative Regulator down to -20V
 Internal Power-On Sequencing
 Adjustable Soft-Start/Fault Timer
 Thermal Shutdown
 Cycle-by-Cycle Over Current Protection
 Under Voltage Lockout
 Ready Flag
APPLICATIONS
 TFT LCD Displays
 Portable DVD Players
 Tablet PCs
 Car Navigation Displays
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
EVQ1531-M-00A EVALUATION BOARD
Dimensions (2.34”X x 2.25”Y x 0.50”Z)
Board Number
MPS IC Number
EVQ1531-M-00A
MPQ1531DM
            Load Efficiency 
             VMAIN=5V, VGH=15V/5mA, VGL=‐10V/5mA 
60
68
76
84
92
100
0.00
0.03
0.06
0.09
0.12
0.15
LOAD MAIN OUTPUT ( A )
VIN=2.7V  VIN=3.3V
VIN=3.8V  VIN=4.2V
VIN=4.7V  VIN=4.8V


Similar Part No. - MPQ1531DM

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ1530 MPS-MPQ1530 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
MPQ1530 MPS-MPQ1530 Datasheet
367Kb / 7P
Triple Output TFT Bias Converter EV Board AEC-Q100 Qualified
MPQ1530DQ MPS-MPQ1530DQ Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
MPQ1530DQ-AEC1 MPS-MPQ1530DQ-AEC1 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
More results

Similar Description - MPQ1531DM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65110 TI-TPS65110 Datasheet
231Kb / 15P
LTPS LCD BIAS POWER SUPPLY TRIPLE CHARGE PUMP
logo
Torex Semiconductor
XC9801 TOREX-XC9801 Datasheet
103Kb / 10P
Step-Up Charge Pump ICs
logo
Advanced Analogic Techn...
AAT2820 ANALOGICTECH-AAT2820 Datasheet
437Kb / 18P
Triple-Output Charge Pump Regulator
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
Triple Output Step-Up Plus Charge Pump for TFT Bias
EV1531DQ-002A MPS-EV1531DQ-002A Datasheet
268Kb / 5P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
MP1530 MPS-MP1530 Datasheet
358Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias
MP1531 MPS-MP1531 Datasheet
352Kb / 12P
Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
ON Semiconductor
LA5797MC ONSEMI-LA5797MC Datasheet
188Kb / 4P
Charge Pump Step-up Power Supply
August, 2013
logo
Texas Instruments
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
logo
Monolithic Power System...
MPQ1530 MPS-MPQ1530 Datasheet
710Kb / 15P
Triple Output Step-Up Plus Linear Regulators for TFT Bias AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com