Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1531DM Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MPQ1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1531DM Datasheet(HTML) 7 Page - Monolithic Power Systems

  MPQ1531DM Datasheet HTML 1Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 2Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 3Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 4Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 5Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 6Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
EVQ1531-M-00A – LOW PWR, TRI-OUTPUT STEP-UP + CHARGE PUMP FOR TFT BIAS
NOTICE:
MPS believes the information in this document to be accurate and reliable. However, it is subject to change without
notice. Contact MPS for current specifications. MPS encourages users of its products to ensure that third party Intellectual
Property rights are not infringed upon when integrating MPS products into any application. MPS cannot assume any legal
responsibility for any said applications.
EVQ1531-M-00A Rev.1.0
www.MonolithicPower.com
7
5/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
QUICK START GUIDE
The three output voltages of this board are set to +5V, +15V, and -10V. The board layout
accommodates most commonly used inductors and output capacitors.
1. Make sure Jumper JP1 is connected between 2 and 3.
2. Attach positive end of loads to VMAIN, VGH,and VGL pins respectively. Attach negative end of
loads to GND pins.
3. Attach input voltage 2.7V
 VIN  5.5V and input ground to VIN and GND pins respectively.
4. During startup RDY will be left HIGH. Once the turn-on sequence is complete, this pin will be
pulled low if all regulators exceed 80% of their specified voltages. After all regulators are turned
on, a fault in any regulator will cause RDY to go LOW after approximately 15μs. If the fault
persists for more than approximately 6ms (for CCT = 10nF), the entire chip will shut down.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com