Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1531DM Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MPQ1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1531DM Datasheet(HTML) 3 Page - Monolithic Power Systems

  MPQ1531DM Datasheet HTML 1Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 2Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 3Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 4Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 5Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 6Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVQ1531-M-00A – LOW PWR, TRI-OUTPUT STEP-UP + CHARGE PUMP FOR TFT BIAS
EVQ1531-M-00A Rev.1.0
www.MonolithicPower.com
3
5/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
EVQ1531-M-00A BILL OF MATERIALS (continued)
Qty
Ref
Value Description
Package
Manufacturer Manufacturer P/N
12
C12, C14, C15, C16,
C17, C18, C19, C20,
C22, C23, C24, C27
0.33μF
0.33μF, Ceramic
Capacitor, 50V, X7R
0603
TDK
C1608X5R1H334K080AB
1
D1
1A
Schottky Diode, 40V,
1A
SOD-123
Diodes
1N5819HW-7
6
D2, D3, D4, D7, D8,
D9
BAS40-
04
Schottky Diodes,
Dual, 40V, 200mA
SOT23
Diodes
BAS40-04-7
2
D5, D6
NS
SOT23
1
L1
22μH
22μH, 1.2A, 0.12Ω,
SMD
WE-6823
Wurth
Elektronik
744 062 220
2
R1, R1-2
100K Resistor, 5%, 1/10W
0603
GENERIC
GENERIC
1
R2
30K Resistor, 5%, 1/10W
0603
GENERIC
GENERIC
3
R3, R5, R8
10K Resistor, 5%, 1/10W
0603
GENERIC
GENERIC
1
R4
5.6K Resistor, 1%, 1/10W
0603
GENERIC
GENERIC
2
R6, R10
10
Resistor, 5%, 1/10W
0603
GENERIC
GENERIC
1
R7
80.6K Resistor, 1%, 1/10W
0603
GENERIC
GENERIC
1
R9
110K Resistor, 1%, 1/10W
0603
GENERIC
GENERIC
1
U1
MPQ1531,
TSSOP16
TSSOP16
MPS
MPQ1531DM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com