Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ1531DM Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MPQ1531DM
Description  Low Power, Triple Output Step-Up Plus Charge Pump for TFT Bias
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ1531DM Datasheet(HTML) 5 Page - Monolithic Power Systems

  MPQ1531DM Datasheet HTML 1Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 2Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 3Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 4Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 5Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 6Page - Monolithic Power Systems MPQ1531DM Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVQ1531-M-00A – LOW PWR, TRI-OUTPUT STEP-UP + CHARGE PUMP FOR TFT BIAS
EVQ1531-M-00A Rev.1.0
www.MonolithicPower.com
5
5/10/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TEST RESULTS
 
Load Efficiency 
VMAIN=5V, VGH=15V/5mA, VGL=‐10V/5mA 
Line Efficiency  
VMAIN=5V 
60
68
76
84
92
100
0.00
0.03
0.06
0.09
0.12
0.15
LOAD MAIN OUTPUT ( A )
VIN=2.7V  VIN=3.3V
VIN=3.8V  VIN=4.2V
VIN=4.7V  VIN=4.8V
60
68
76
84
92
100
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
INPUT VOLTAGE ( V )
 
Load Regulation 
VMAIN=5V, VGH=15V/5mA, VGL=‐10V/5mA 
Lined Regulation 
VMAIN=5V,  IMAIN=0.1A,  VHG=15V,  IGH=5mA,  VGL=‐10V, 
IGL=5mA  
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.00
0.03
0.06
0.09
0.12
0.15
LOAD CURRENT ( A )
VIN=2.7V  VIN=3.3V
VIN=3.8V  VIN=4.2V
VIN=4.7V  VIN=4.8V
5.00
5.02
5.04
5.06
5.08
5.10
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
INPUT VOLTAGE ( V )
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com