Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660SCBAZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICL7660SCBAZ
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBAZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICL7660SCBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 4 of 13
January 23, 2013
Oscillator Impedance
ZOSC
V+ = 2V
-
1
-
M
V+ = 5V
-
100
-
k
ICL7660A, V+ = 3V, TA = 25°C, OSC = Free running, Test Circuit Figure 13, unless otherwise specified
Supply Current (Note 13)
I+
V+ = 3V, RL = , +25°C
-
26
100
A
0°C < TA < +70°C
-
-
125
A
-40°C < TA < +85°C
-
-
125
A
Output Source Resistance
ROUT
V+ = 3V, IOUT = 10mA
-
97
150
0°C < TA < +70°C
-
-
200
-40°C < TA < +85°C
-
-
200
Oscillator Frequency (Note 13)
fOSC
V+ = 3V (same as 5V conditions)
5.0
8
-
kHz
0°C < TA < +70°C
3.0
-
-
kHz
-40°C < TA < +85°C
3.0
-
-
kHz
NOTES:
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, on the order of 5pF.
11. The Intersil ICL7660S and ICL7660A can operate without an external diode over the full temperature and voltage range. This device will function
in existing designs that incorporate an external diode with no degradation in overall circuit performance.
12. All significant improvements over the industry standard ICL7660 are highlighted.
13. Derate linearly above 50°C by 5.5mW/°C.
Electrical Specifications
ICL7660S and ICL7660A, V+ = 5V, TA = +25°C, OSC = Free running (see Figure 12, “ICL7660S Test Circuit”
on page 7 and Figure 13 “ICL7660A Test Circuit” on page 7), unless otherwise specified. (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com