Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660SCBAZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICL7660SCBAZ
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBAZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICL7660SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 6 of 13
January 23, 2013
FIGURE 5. FREQUENCY OF OSCILLATION AS A FUNCTION
OF EXTERNAL OSCILLATOR CAPACITANCE
FIGURE 6. UNLOADED OSCILLATOR FREQUENCY AS A
FUNCTION OF TEMPERATURE
FIGURE 7. OUTPUT VOLTAGE AS A FUNCTION
OF OUTPUT CURRENT
FIGURE 8. SUPPLY CURRENT AND POWER CONVERSION
EFFICIENCY AS A FUNCTION OF LOAD
CURRENT
FIGURE 9. OUTPUT VOLTAGE AS A FUNCTION OF OUTPUT
CURRENT
FIGURE 10. SUPPLY CURRENT AND POWER CONVERSION
EFFICIENCY AS A FUNCTION OF LOAD CURRENT
Typical Performance Curves
See Figure 12, “ICL7660S Test Circuit” on page 7) and Figure 13 “ICL7660A Test Circuit” on page 7 (Continued)
1
10
100
1k
10
9
8
7
6
5
4
3
2
1
0
COSC (pF)
V+ = 5V
TA = +25°C
20
18
16
14
12
10
8
-55
-25
0
25
50
75
100
125
TEMPERATURE (°C)
V+ = 10V
V+ = 5V
1
0
-1
-2
-3
-4
-5
010
20
30
40
LOAD CURRENT (mA)
V+ = 5V
TA = +25°C
100
90
80
70
60
50
40
30
20
10
0
100
90
80
70
60
50
40
30
20
10
0
LOAD CURRENT (mA)
010
20
30
40
50
60
V+ = 5V
TA = +25°C
2
1
0
-1
-2
0
1
2
3
45
67
8
9
LOAD CURRENT (mA)
TA = +25°C
V+ = 2V
100
90
80
70
60
50
40
30
20
10
0
16
14
12
10
8
6
4
2
0
0
1.5
3.0
4.5
6.0
7.5
9.0
LOAD CURRENT (mA)
V+ = 2V
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com