Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660SCBAZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL7660SCBAZ
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBAZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL7660SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 11Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 12Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 10 of 13
January 23, 2013
This is of major importance for surface mount applications
where capacitor size and cost are critical. Smaller
capacitors, such as 0.1µF, can be used in conjunction with
the Boost Pin to achieve similar output currents compared to
the device free running with C1 = C2 = 10µF or 100µF. (see
Figure 11).
Increasing the oscillator frequency can also be achieved by
overdriving the oscillator from an external clock, as shown in
Figure 16. In order to prevent device latchup, a 1k
 resistor
must be used in series with the clock output. In a situation
where the designer has generated the external clock
frequency using TTL logic, the addition of a 10k
 pull-up
resistor to V+ supply is required. Note that the pump
frequency with external clocking, as with internal clocking,
will be one-half of the clock frequency. Output transitions
occur on the positive going edge of the clock.
It is also possible to increase the conversion efficiency of the
ICL7660S and ICL7660A at low load levels by lowering the
oscillator frequency. This reduces the switching losses, and
is shown in Figure 17. However, lowering the oscillator
frequency will cause an undesirable increase in the
impedance of the pump (C1) and reservoir (C2) capacitors;
this is overcome by increasing the values of C1 and C2 by
the same factor by which the frequency has been reduced.
For example, the addition of a 100pF capacitor between pin
7 (OSC and V+) will lower the oscillator frequency to 1kHz
from its nominal frequency of 10kHz (a multiple of 10), and
thereby necessitate a corresponding increase in the value of
C1 and C2 (from 10µF to 100µF).
Positive Voltage Doubling
The ICL7660S and ICL7660A may be employed to achieve
positive voltage doubling using the circuit shown in Figure
18. In this application, the pump inverter switches of the
ICL7660S and ICL7660A are used to charge C1 to a voltage
level of V+ -VF, where V+ is the supply voltage and VF is the
forward voltage on C1, plus the supply voltage (V+) is
applied through diode D2 to capacitor C2. The voltage thus
created on C2 becomes (2V+) - (2VF) or twice the supply
voltage minus the combined forward voltage drops of diodes
D1 and D2.
The source impedance of the output (VOUT) will depend on
the output current, but for V+ = 5V and an output current of
10mA, it will be approximately 60
.
Combined Negative Voltage Conversion and
Positive Supply Doubling
Figure 19 combines the functions shown in Figure 15 and
Figure 18 to provide negative voltage conversion and
positive voltage doubling simultaneously. This approach
would be suitable, for example, for generating +9V and -5V
from an existing +5V supply. In this instance, capacitors C1
and C3 perform the pump and reservoir functions,
respectively, for negative voltage generation, while
capacitors C2 and C4 are pump and reservoir, respectively,
for the doubled positive voltage. There is a penalty in this
configuration which combines both functions, however, in
that the source impedances of the generated supplies will be
somewhat higher, due to the finite impedance of the
common charge pump driver at pin 2 of the device.
1
2
3
4
8
7
6
5
+
-
10µF
ICL7660S
VOUT
V+
+
-
10µF
V+
CMOS
GATE
1kΩ
FIGURE 16. EXTERNAL CLOCKING
ICL7660A
1
2
3
4
8
7
6
5
+
-
ICL7660S
VOUT
V+
+
-
C2
C1
COSC
FIGURE 17. LOWERING OSCILLATOR FREQUENCY
ICL7660A
1
2
3
4
8
7
6
5
ICL7660S
V+
D1
D2
C1
C2
VOUT =
(2V+)
- (2VF)
+
-
+
-
FIGURE 18. POSITIVE VOLTAGE DOUBLER
NOTE: D1 AND D2 CAN BE ANY SUITABLE DIODE.
ICL7660A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com