Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660SCBAZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ICL7660SCBAZ
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBAZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ICL7660SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 9Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 10Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 7 of 13
January 23, 2013
FIGURE 11. OUTPUT SOURCE RESISTANCE AS A FUNCTION OF OSCILLATOR FREQUENCY
NOTE:
14. These curves include, in the supply current, that current fed directly into the load RL from the V+ (see Figure 12). Thus, approximately half the
supply current goes directly to the positive side of the load, and the other half, through the ICL7660S and ICL7660A, goes to the negative side
of the load. Ideally, VOUT 2VIN, IS 2IL, so VIN x IS VOUT x IL.
Typical Performance Curves
See Figure 12, “ICL7660S Test Circuit” on page 7) and Figure 13 “ICL7660A Test Circuit” on page 7 (Continued)
400
300
200
100
0
100
1k
10k
100k
OSCILLATOR FREQUENCY (Hz)
V+ = 5V
TA = +25°C
I = 10mA
C1 = C2 = 10mF
C1 = C2 = 1mF
C1 = C2 = 100mF
1
2
3
4
8
7
6
5
+
-
C1
10µF
IS V+
(+5V)
IL
RL
-VOUT
C2
10µF
ICL7660S
V+
+
-
NOTE: For large values of COSC (>1000pF), the values of C1 and C2
should be increased to 100µF.
FIGURE 12. ICL7660S TEST CIRCUIT
NOTE: For large values of COSC (>1000pF) the values of C1 and C2
should be increased to 100
F.
FIGURE 13. ICL7660A TEST CIRCUIT
1
2
3
4
8
7
6
5
+
-
C1
10µF
IS V+
(+5V)
IL
RL
-VOUT
C2
10µF
ICL7660A
COSC
+
-
(NOTE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com