Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7660SCBAZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # ICL7660SCBAZ
Description  Super Voltage Converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7660SCBAZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  ICL7660SCBAZ Datasheet HTML 1Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 2Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 3Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 4Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 5Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 6Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 7Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 8Page - Renesas Technology Corp ICL7660SCBAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ICL7660S, ICL7660A
FN3179 Rev 7.00
Page 5 of 13
January 23, 2013
Functional Block Diagram
VOLTAGE
LEVEL
TRANSLATOR
SUBSTRATE
NETWORK
OSC
LV
V+
CAP+
CAP-
7
OSCILLATOR
AND DIVIDE-BY-
2 COUNTER
6
INTERNAL SUPPLY
REGULATOR
3
LOGIC
Q3
3
Q1
VOUT
3
8
2
Q2
3
4
5
Q4
GND
Typical Performance Curves
See Figure 12, “ICL7660S Test Circuit” on page 7) and Figure 13 “ICL7660A Test Circuit” on page 7
FIGURE 1. OPERATING VOLTAGE AS A
FUNCTION OF TEMPERATURE
FIGURE 2. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF SUPPLY VOLTAGE
FIGURE 3. OUTPUT SOURCE RESISTANCE AS A
FUNCTION OF TEMPERATURE
FIGURE 4. POWER CONVERSION EFFICIENCY AS A
FUNCTION OF OSCILLATOR FREQUENCY
-55
-25
0
25
50
100
125
12
10
8
6
4
2
0
TEMPERATURE (°C)
SUPPLY VOLTAGE RANGE
(NO DIODE REQUIRED)
250
200
150
100
50
0
02
4
6
8
10
12
SUPPLY VOLTAGE (V)
TA = +125°C
TA = +25°C
TA = -55°C
350
300
250
200
150
100
50
0
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
IOUT = 20mA,
V+ = 12V
IOUT = 20mA,
V+ = 5V
IOUT = 20mA,
V+ = 5V
IOUT = 3mA,
V+ = 2V
98
96
94
92
90
88
86
84
82
80
100
1k
10k
50k
OSC FREQUENCY fOSC (Hz)
V+ = 5V
TA = +25°C
IOUT = 1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com