Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-200-R Datasheet(PDF) 1 Page - Vicor Corporation

Part # FPT705-200-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-200-R Datasheet(HTML) 1 Page - Vicor Corporation

  FPT705-200-R Datasheet HTML 1Page - Vicor Corporation FPT705-200-R Datasheet HTML 2Page - Vicor Corporation FPT705-200-R Datasheet HTML 3Page - Vicor Corporation FPT705-200-R Datasheet HTML 4Page - Vicor Corporation FPT705-200-R Datasheet HTML 5Page - Vicor Corporation FPT705-200-R Datasheet HTML 6Page - Vicor Corporation FPT705-200-R Datasheet HTML 7Page - Vicor Corporation FPT705-200-R Datasheet HTML 8Page - Vicor Corporation FPT705-200-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
8V to 36VIN Cool-Power ZVS Buck Regulator Family
Cool-Power®
ZVS Switching Regulators
PI33xx-x0
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 1 of 41
06/2017
Product Description
The PI33xx-x0 is a family of high efficiency, wide input range
DC-DC ZVS-Buck regulators integrating controller, power
switches, and support components all within a high density
System-in-Package (SiP). The integration of a high performance
Zero-Voltage Switching (ZVS) topology, within the PI33xx-x0
series, increases point of load performance providing best in class
power efficiency. The PI33xx-x0 requires only an external inductor
and minimal capacitors to form a complete DC-DC switching
mode Buck Regulator.
The ZVS architecture also enables high frequency operation
while minimizing switching losses and maximizing efficiency.
The high switching frequency operation reduces the size of the
external filtering components, improves power density, and
enables very fast dynamic response to line and load transients.
The PI33xx-x0 series sustains high switching frequency all the
way up to the rated input voltage without sacrificing efficiency
and, with its 20ns minimum on-time, supports large step down
conversions up to 36VIN.
Features & Benefits
High Efficiency ZVS-Buck Topology
Wide input voltage range of 8V to 36V
Very-Fast transient response
High accuracy pre-trimmed output voltage
User adjustable soft-start & tracking
Power-up into pre-biased load (select versions)
Parallel capable with single wire current sharing
Input Over/Undervoltage Lockout (OVLO/UVLO)
Output Overvoltage Protection (OVP)
Overtemperature Protection (OTP)
Fast and slow current limits
-40°C to 125°C operating range (TJ)
Optional I2C™ * functionality & programmability:
VOUT margining
Fault reporting
Enable and SYNCI pin polarity
Phase delay (interleaving multiple regulators)
Applications
High efficiency systems
High voltage battery operation
Package Information
10mm x 14mm x 2.6mm LGA SiP
Device
Output Voltage
IOUT Max
Set
Range
PI3311-x0
1.0V
1.0 to 1.4V
10A
PI3318-x0
1.8V
1.4 to 2.0V
10A
PI3312-x0
2.5V
2.0 to 3.1V
10A
PI3301-x0
3.3V
2.3 to 4.1V
10A
PI3302-x0
5.0V
3.3 to 6.5V
10A
PI3303-x0
12V
6.5 to 13.0V
8A
PI3305-x0
15V
10.0 to 16.0V
8A
* I2C™ is a trademark of NXP Semiconductors


Similar Part No. - FPT705-200-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FPT705-200-R COOPER-FPT705-200-R Datasheet
527Kb / 6P
Dual Conductor, High Current Power Inductors
logo
Eaton All Rights Reserv...
FPT705-200-R EATON-FPT705-200-R Datasheet
267Kb / 4P
Dual conductor, high current power inductors
More results

Similar Description - FPT705-200-R

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-21-LGIZ VICOR-PI3311-21-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-21-LGIZ VICOR-PI3312-21-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0 Datasheet
2Mb / 42P
8V to 36VIN Cool-Power ZVS Buck Regulator Family
PI33XX-X1 VICOR-PI33XX-X1 Datasheet
2Mb / 26P
8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
8V to 36VIN Cool-Power ZVS Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com