Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-200-R Datasheet(PDF) 32 Page - Vicor Corporation

Part # FPT705-200-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-200-R Datasheet(HTML) 32 Page - Vicor Corporation

Back Button FPT705-200-R Datasheet HTML 28Page - Vicor Corporation FPT705-200-R Datasheet HTML 29Page - Vicor Corporation FPT705-200-R Datasheet HTML 30Page - Vicor Corporation FPT705-200-R Datasheet HTML 31Page - Vicor Corporation FPT705-200-R Datasheet HTML 32Page - Vicor Corporation FPT705-200-R Datasheet HTML 33Page - Vicor Corporation FPT705-200-R Datasheet HTML 34Page - Vicor Corporation FPT705-200-R Datasheet HTML 35Page - Vicor Corporation FPT705-200-R Datasheet HTML 36Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 32 of 41
06/2017
PI33xx-x0
Functional Description
The PI33xx-x0 is a family of highly integrated ZVS-Buck regulators.
The PI33xx-x0 has a set output voltage that is trimmable within
a prescribed range shown in Table 1. Performance and maximum
output current are characterized with a specific external power
inductor (see Table 4).
For basic operation, Figure 58 shows the connections and
components required. No additional design or settings
are required.
ENABLE (EN)
EN is the enable pin of the converter. The EN Pin is referenced
to SGND and permits the user to turn the regulator on or off.
The EN default polarity is a positive logic assertion. If the EN pin
is left floating or asserted high, the converter output is enabled.
Pulling EN pin below 0.8VDC with respect to SGND will disable the
regulator output.
The EN input polarity can be programmed (PI33xx-20 device
versions only) via the I2C™ data bus. When the EN pin polarity is
programmed for negative logic assertion; and if the EN pin is left
floating, the regulator output is enabled. Pulling the EN pin above
1.0VDC with respect to SGND, will disable the regulator output.
Remote Sensing
An internal 100
Ω resistor is connected between REM pin and
VOUT pin to provide regulation when the REM connection is
broken. Referring to Figure 58, it is important to note that L1 and
COUT are the output filter and the local sense point for the power
supply output. As such, the REM pin should be connected at COUT
as the default local sense connection unless remote sensing to
compensate additional distribution losses in the system. The REM
pin should not be left floating.
Switching Frequency Synchronization
The SYNCI input allows the user to synchronize the controller
switching frequency by an external clock referenced to SGND.
The external clock can synchronize the unit between 50% and
110% of the preset switching frequency (fS). For PI33xx-20
device versions only, the phase delay can be programmed via I2C
bus with respect to the clock applied at SYNCI pin. Phase delay
allows PI33xx-20 regulators to be paralleled and operate in an
interleaving mode.
The PI33xx-x0 default for SYNCI is to sync with respect to the
falling edge of the applied clock providing 180° phase shift from
SYNCO. This allows for the paralleling of two PI33xx-x0 devices
without the need for further user programming or external sync
clock circuitry. The user can change the SYNCI polarity to sync
with the external clock rising edge via the I2C data bus (PI33xx-20
device versions only).
When using the internal oscillator, the SYNCO pin provides a
5V clock that can be used to sync other regulators. Therefore,
one PI33xx-x0 can act as the lead regulator and have additional
PI33xx-x0s running in parallel and interleaved.
Soft-Start
The PI33xx-x0 includes an internal soft-start capacitor to ramp the
output voltage in 2ms from 0V to full output voltage. Connecting
an external capacitor from the TRK pin to SGND will increase the
start-up ramp period. See, “Soft Start Adjustment and Track,” in
the Applications Description section for more details.
Output Voltage Trim
The PI33xx-x0 output voltage can be trimmed up from the preset
output by connecting a resistor from ADJ pin to SGND and can be
trimmed down by connecting a resistor from ADJ pin to VOUT. The
Table 1 defines the voltage ranges for the PI33xx-x0 family.
EN
V
IN
V
IN
V
OUT
SYNCI
VS1
V
OUT
PGND
SYNCO
REM
TRK
ADJ
EAO
PI33xx
C
IN
C
OUT
L1
Table 1 — PI33xx-x0 family output voltage range
Figure 58 — ZVS-Buck with required components
Device
Output Voltage
Set
Range
PI3311-x0-LGIZ
1.0V
1.0 to 1.4V
PI3318-x0-LGIZ
1.8V
1.4 to 2.0V
PI3312-x0-LGIZ
2.5V
2.0 to 3.1V
PI3301-x0-LGIZ
3.3V
2.3 to 4.1V
PI3302-x0-LGIZ
5.0V
3.3 to 6.5V
PI3303-x0-LGIZ
12V
6.5 to 13.0V
PI3305-x0-LGIZ
15V
10.0 to 16.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com