Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-200-R Datasheet(PDF) 2 Page - Vicor Corporation

Part # FPT705-200-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-200-R Datasheet(HTML) 2 Page - Vicor Corporation

  FPT705-200-R Datasheet HTML 1Page - Vicor Corporation FPT705-200-R Datasheet HTML 2Page - Vicor Corporation FPT705-200-R Datasheet HTML 3Page - Vicor Corporation FPT705-200-R Datasheet HTML 4Page - Vicor Corporation FPT705-200-R Datasheet HTML 5Page - Vicor Corporation FPT705-200-R Datasheet HTML 6Page - Vicor Corporation FPT705-200-R Datasheet HTML 7Page - Vicor Corporation FPT705-200-R Datasheet HTML 8Page - Vicor Corporation FPT705-200-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 2 of 41
06/2017
PI33xx-x0
Contents
Order Information
3
I2C™ Functionality & Programmability
3
Absolute Maximum Ratings
4
Functional Block Diagram
4
Pin Description
5
Package Pin-Out
5
PI3311-x0-LGIZ (1.0VOUT) Electrical Characteristics
6
PI3318-x0-LGIZ (1.8VOUT) Electrical Characteristics
9
PI3312-x0-LGIZ (2.5VOUT) Electrical Characteristics
12
PI3301-x0-LGIZ (3.3VOUT) Electrical Characteristics
16
PI3302-x0-LGIZ (5.0VOUT) Electrical Characteristics
20
PI3303-x0-LGIZ (12.0VOUT) Electrical Characteristics
24
PI3305-x0-LGIZ (15.0VOUT) Electrical Characteristics
28
Functional Description
32
ENABLE (EN)
32
Remote Sensing
32
Switching Frequency Synchronization
32
Soft-Start
32
Output Voltage Trim
32
Output Current Limit Protection
33
Input Undervoltage Lockout
33
Input Overvoltage Lockout
33
Output Overvoltage Protection
33
Overtemperature Protection
33
Pulse Skip Mode (PSM)
33
Variable Frequency Operation
33
Parallel Operation
33
I2C Interface Operation
34
Application Description
34
Output Voltage Trim
34
Soft-Start Adjust and Tracking
35
Inductor Pairing
36
Thermal Derating
36
Filter Considerations
36
Layout Guidelines
37
Recommended PCB Footprint and Stencil
38
LGIZ Package Drawing
39
Revision History
40
Warranty
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com