Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-200-R Datasheet(PDF) 40 Page - Vicor Corporation

Part # FPT705-200-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-200-R Datasheet(HTML) 40 Page - Vicor Corporation

Back Button FPT705-200-R Datasheet HTML 33Page - Vicor Corporation FPT705-200-R Datasheet HTML 34Page - Vicor Corporation FPT705-200-R Datasheet HTML 35Page - Vicor Corporation FPT705-200-R Datasheet HTML 36Page - Vicor Corporation FPT705-200-R Datasheet HTML 37Page - Vicor Corporation FPT705-200-R Datasheet HTML 38Page - Vicor Corporation FPT705-200-R Datasheet HTML 39Page - Vicor Corporation FPT705-200-R Datasheet HTML 40Page - Vicor Corporation FPT705-200-R Datasheet HTML 41Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 40 of 41
06/2017
PI33xx-x0
Revision History
Revision
Date
Description
Page Number(s)
1.5
06/13
Last release in old format
n/a
1.6
08/03/15
Reformatted in new template
n/a
1.7
08/21/15
Formatting edits
6, 21, 22, 25, 26,
29, 30 & 36
1.8
09/18/15
Formatting edits
all
1.9
01/06/16
Clarifications made in Enable Pin Conditions
BGA package added
7, 18, 22, 26 & 30
1, 3, 20–23, 34 & 40
2.0
02/22/16
Corrected Input Current spec unit of measure from mA to A
12, 16, 20, 24 & 28
2.1
05/27/16
Revised Output Voltage Total Regulation
12
2.2
08/22/16
Corrected typo in temp range for Electrical Characteristics tables
7, 9, 10, 12, 13, 16, 17, 20,
21, 24, 25, 28 & 29
2.3
11/21/16
Clarified VS1 rating in Absolute Maximum Ratings Table
Updated pin description table and package pin-out labels
to show VDR capability
4
5
2.4
02/10/17
Block diagram typo corrected, VS1 Spec expanded
PWRGD Pin Description updated
Specification conditions clarified
4
5
6, 9
2.5
06/01/17
Move BGA package to separate data sheet
Corrections
1, 3, 20-23, 40
1, 6-7, 9-31, 35
Note: page removed in Revision 2.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com