Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPT705-200-R Datasheet(PDF) 4 Page - Vicor Corporation

Part # FPT705-200-R
Description  8V to 36VIN Cool-Power ZVS Buck Regulator Family
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FPT705-200-R Datasheet(HTML) 4 Page - Vicor Corporation

  FPT705-200-R Datasheet HTML 1Page - Vicor Corporation FPT705-200-R Datasheet HTML 2Page - Vicor Corporation FPT705-200-R Datasheet HTML 3Page - Vicor Corporation FPT705-200-R Datasheet HTML 4Page - Vicor Corporation FPT705-200-R Datasheet HTML 5Page - Vicor Corporation FPT705-200-R Datasheet HTML 6Page - Vicor Corporation FPT705-200-R Datasheet HTML 7Page - Vicor Corporation FPT705-200-R Datasheet HTML 8Page - Vicor Corporation FPT705-200-R Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Cool-Power® ZVS Switching Regulators
Rev 2.5
Page 4 of 41
06/2017
PI33xx-x0
Absolute Maximum Ratings
Functional Block Diagram
V
IN
V
OUT
Notes: At 25°C ambient temperature. Stresses beyond these limits may cause permanent damage to the device. Operation at these conditions or conditions
beyond those listed in the Electrical Specifications table is not guaranteed. All voltage nodes are referenced to PGND unless otherwise noted. Test conditions
are per the specifications within the individual product electrical characteristics.
Simplified Block Diagram (I2C™ pins SCL, SDA, ADR0, and ADR1 only active for PI33xx-20 device versions)
Name
Rating
VIN
-0.7 to 36V
VS1
-0.7 to 36VDC
SGND
100mA
PWRGD, SYNCO, SYNCI, EN, EAO, ADJ, TRK, ADR1, ADR2, SCL, SDA, REM
-0.3V to 5.5V / 5mA
VOUT
PI3311-x0-LGIZ
-0.3V to 5.5V
PI3318-x0-LGIZ
-0.5V to 9V
PI3312-x0-LGIZ
-0.8V to 13V
PI3301-x0-LGIZ
-1.0V to 18V
PI3302-x0-LGIZ
-1.5V to 21V
PI3303-x0-LGIZ
-3.6V to 25V
PI3305-x0-LGIZ
-4.5V to 25V
Storage Temperature
-65°C to 150°C
Operating Junction Temperature
-40°C to 125°C
Soldering Temperature for 20 seconds
245°C
ESD Rating
2kV HBM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com