Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6517 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6517 Datasheet HTML 1Page - Monolithic Power Systems MP6517 Datasheet HTML 2Page - Monolithic Power Systems MP6517 Datasheet HTML 3Page - Monolithic Power Systems MP6517 Datasheet HTML 4Page - Monolithic Power Systems MP6517 Datasheet HTML 5Page - Monolithic Power Systems MP6517 Datasheet HTML 6Page - Monolithic Power Systems MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
2
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number *
Package
Top Marking
MP6517GJ-xxxx **
TSOT23-6
See Below
MP6517GJS-xxxx **
TSOT23-6-SL
* For Tape & Reel, add suffix –Z (e.g. MP MP6517GJS–Z).
** “xxxx” is the configuration code identifier for the register settings stored in the OTPROM. For the default case,
the number is “0000”. Each “x” can have a hexadecimal value between 0 and F. Please work with an MPS FAE to
create this unique number, even if ordering the “0000” code.
TOP MARKING (MP6517GJ)
ATA: Product code of MP6517GJ
Y: Year code
TOP MARKING (MP6517GJS)
ATA: Product code of MP6517GJS
Y: Year code
LLL: Lot number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com