Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6517 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6517 Datasheet HTML 1Page - Monolithic Power Systems MP6517 Datasheet HTML 2Page - Monolithic Power Systems MP6517 Datasheet HTML 3Page - Monolithic Power Systems MP6517 Datasheet HTML 4Page - Monolithic Power Systems MP6517 Datasheet HTML 5Page - Monolithic Power Systems MP6517 Datasheet HTML 6Page - Monolithic Power Systems MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
4
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12V, TJ = -40°C to 125°C, unless otherwise noted.
Parameters
Symbol
Min
Typ
Max
Units
Input UVLO rising threshold
VUVLO
3
V
Input UVLO hysteresis
0.15
V
Operating supply current
ICC
6.5
mA
Reverse supply current
ICCREV
VCC = -18V
1
mA
PWM input high voltage
VPWMH
1.5
V
PWM input low voltage
VPWML
0.4
V
PWM input frequency
FPWM
12
48
kHz
Min PWM input low-level time
(5)
200
ns
PWM input internal pull-up resistance
100
kΩ
HS switch-on resistance
RHSON
IO = 100mA, including
reversed MOSFET
520
mΩ
LS switch-on resistance
RLSON
IO = 100mA
330
mΩ
Over-current limit protection threshold
IOCP
-20%
1.8
+20%
A
Output current limit
ILMT
SUCL = 100
-15%
860
+15%
mA
Internal oscillator frequency
fCLK
-15%
7
+15%
MHz
PWM output frequency
fs
-15%
26
+15%
kHz
FG output low-level voltage
VFG L
IFG/RD = 3mA, VPULL = 5V
0.35
V
FG leakage current
1
µA
Soft turn-on angle
θSON 100
SON_100 = 10000
23.9
°
Soft turn-off angle
θSOFF 100 SOFF_100 = 11111
45
°
Adjustable delay angle
θe
THETA_E = 0000
0
°
Rotor-lock detection time
TRD
0.6
s
Minimum recommended magnetic field
(5)
±1
mT
Thermal shutdown threshold
(5)
150
°C
Thermal shutdown hysteresis
(5)
25
°C
NOTE:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com