Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6517 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 6Page - Monolithic Power Systems MP6517 Datasheet HTML 7Page - Monolithic Power Systems MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems MP6517 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
10
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
driver softly during start-up, the current limit
increases from 0 to the programmed current
limit in 16 steps (see Figure 3). Each step limit
value lasts for 16 internal Hall cycles. In rotor
lock fault cases, the current limit increases with
16 steps with 600ms of detection time.
Figure 3: Start-Up Waveforms
Thermal Shutdown
Thermal monitoring is also integrated into the
MP6517. If the die temperature rises above
150°C, the MOSFETs of the switching half-
bridge turn off. Once the die temperature has
fallen to a safe level, operation resumes
automatically.
Under-Voltage Lockout (UVLO)
If at any time VCC falls below the under-voltage
lockout threshold (UVLO) voltage, all circuitry in
the device is disabled, and the internal logic is
reset. Operation resumes when VCC rises
above the UVLO threshold.
Rotor Deadlock Protection (RD)
The MP6517 detects the internal Hall signal
and outputs deadlock indication signal to
FG/RD if the FGRD bit set to 11. If the IC
cannot see the Hall signal edge change during
the 0.6s detection time, all MOSFETs of the H-
bridge are turned off. FG/RD is an open-drain
output. After 1.8, 2.4, 3, or 3.6s of recovery time
(depending on the RLOCK_SEL bits setting),
the IC attempts to start up again automatically.
FG/RD is pulled low again only after three Hall
signal edges are detected after the rotor lock
condition is released (see Figure 4).
Figure 4: Rotor Deadlock Protection
Rotor Speed Indication (FG)
The MP6517 outputs a Hall detection signal to
FG/RD as speed indication. The output signal
frequency can be optional for 1x, 0.5x, and 2x
the internal Hall sensor output frequency.
FG/RD is an open-drain, so it needs a pull-up
resistor in application.
Over-Voltage Protection (OVP)
If VCC exceeds the over-voltage threshold
(19V), the IC turns off the H-bridge MOSFETs
until VCC drops. Then the IC resumes normal
operation.
Input Reverse Connection Protection
If the input line is reverse-connected to VCC
and GND, the IC detects such fault conditions
automatically and shuts down to avoid damage.
Test Mode and Factory Mode
With VCC powered, the IC enters test mode by
sourcing 5~10mA of current with an external
resistor and negative voltage for around 200µs.
In test mode, all functions blocks are active,
and PWM and FG/RD can be used as the I2C
interface to read/write the internal register bits
(see Figure 5).
Figure 5: Test Mode Configuration
In test mode, first write the data 28H to the
register (11H), and then write the data 04H to
the register (10H). In factory mode, all writeable
registers value can be programmed twice. The
IC exits test mode or factory mode when the
VCC power is recycled.
I
2C Chip Address
After the start condition, the I2C-compatible
master sends a seven-bit address followed by
an eighth read (1) or write (0) bit. The following
bit indicates the register address to/from which
the data will be written/read (see Figure 6).
11
01
0
0
r/w
1
Figure 6: I
2C Compatible Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com