Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6517 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 8Page - Monolithic Power Systems MP6517 Datasheet HTML 9Page - Monolithic Power Systems MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems MP6517 Datasheet HTML 14Page - Monolithic Power Systems MP6517 Datasheet HTML 15Page - Monolithic Power Systems MP6517 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
12
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Register Table 1 - 9
Addr: 0x00 - 0x08
Bit
Bit Name
Access
Default
Description
7:0
PWMO
OTP/REG
00000000
Output duty cycle lookup table. Default = linear mode.
Register Table 10
Addr: 0x09
Bit
Bit Name
Access
Default
Description
7:6
PROG
OTP/REG
00
Indication of OTP flash.
00: not programmed
01: programmed once
10: programmed twice
5:0
PROC
OTP/REG
000000
The project code of design. Default = 000000.
Register Table 11
Addr: 0x0A
Bit
Bit Name
Access
Default
Description
7:6
FGRD
OTP/REG
00
FG or RD output selection.
00 = FG
01 = 1/2fs*FG
10 = 2fs*FG
11 = RD
5:3
RPMS
OTP/REG
011
Rotor RPM operating range selection.
000: 50 to 800 RPM
001: 100 to 1600 RPM
010: 200 to 3200 RPM
011: 400 to 6400 RPM
100: 800 to 12800 RPM
101: 1600 to 25600 RPM
110: 3200 to 51200 RPM
2:0
SUCL
OTP/REG
100
Start-up current limit. Default is 860mA.
000 = 320mA
111 = 1265mA
135mA/step



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com