Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6517 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP6517
Description  Programmable Single-Phase, BLDC, Motor Driver with Integrated Hall Sensor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6517 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP6517 Datasheet HTML 9Page - Monolithic Power Systems MP6517 Datasheet HTML 10Page - Monolithic Power Systems MP6517 Datasheet HTML 11Page - Monolithic Power Systems MP6517 Datasheet HTML 12Page - Monolithic Power Systems MP6517 Datasheet HTML 13Page - Monolithic Power Systems MP6517 Datasheet HTML 14Page - Monolithic Power Systems MP6517 Datasheet HTML 15Page - Monolithic Power Systems MP6517 Datasheet HTML 16Page - Monolithic Power Systems MP6517 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP6517 – SINGLE-PHASE, BLDC, MOTOR DRIVER WITH INTEGRATED HALL SENSOR
MP6517 Rev.1.01
www.MonolithicPower.com
13
4/9/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Register Table 12
Addr: 0x0B
Bit
Bit Name
Access
Default
Description
7
FG
REG
0
FG signal indication bit (read only).
6
TM
REG
0
Test mode indication (read only). In test mode, turn on all
other functions but OTP flash block.
When in POR, if PWM is negative, enter test mode. TM bit
is set to 1. Recycle the power to clear the test mode and
TM bit.
0: normal operation
1: test mode
5
HLL_CALI
OTP/REG
0
Hall period calibration enable.
1: enable
0: disable
4:0
SON_12P5
OTP/REG
11111
The electrical angle to turn on the phase transition softly at
12.5% PWM output duty. Default = 11111.
00000 = 1.4°
11111 = 45°
Register Table 13
Addr: 0x0C
Bit
Bit Name
Access
Default
Description
7:5
Reserved
4:0
SON_100
OTP/REG
10000
The electrical angle to turn on the phase transition softly at
100% PWM output duty. Default is 23.9°.
00000 = 1.4°
11111 = 45°
Register Table 14
Addr: 0x0D
Bit
Bit Name
Access
Default
Description
7
Reserved
6
SOFTEN
OTP/REG
1
Soft switching function enable bit.
1: soft function is enabled
0: soft function is disabled
5
RD_HL
OTP/REG
0
RD polarity set when rotor is locked. Default is 0.
0: RD high when locked
1: RD low when locked
4:0
SOFF_12P5
OTP/REG
10000
The electrical angle to turn off the phase transition softly at
12.5% PWM output duty. Default is 23.9°.
00000 = 1.4°
11111 = 45°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com