Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9216IRZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 6Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 7Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 8Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 10 of 34
November 2, 2007
Stop Condition Hold Time
tHD:STO From SDA rising edge to SCL falling edge.
Both crossing VIH(min).
4.0
µs
Data Output Hold Time
tDH
From SCL falling edge crossing VIL(max)
until SDA enters the VIL(max) to VIH(min)
window. (Note 4)
0ns
SDA and SCL Rise Time
tR
From VIL(max) to VIH(min).
1000
ns
SDA and SCL Fall Time
tF
From VIH(min) to VIL(max).
300
ns
Capacitive Loading of SDA or SCL
Cb
Total on-chip and off-chip
400
pF
SDA and SCL Bus Pull-up Resistor - Off
Chip
ROUT
Maximum is determined by tR and tF.
For Cb = 400pF, max is about 2k
~ 2.5k
For Cb = 40pF, max is about 15k
 to 20k
1k
Input Leakage Current (SCL, SDA, SDAI,
SDAO, SCLHV, SDAIHV, SDAOHV)
ILI
-10
10
µA
Input Buffer LOW Voltage (SCL, SDA,
SDAI)
VIL1
Voltage relative to VSS of the device.
-0.3
VRGO x 0.3
V
Input Buffer HIGH Voltage (SCL, SDA,
SDAI)
VIH1
Voltage relative to VSS of the device.
VRGO x 0.7
VRGO + 0.1V
V
Input LOW Voltage (SDAIHV)
VIL2
SDAIHV pulled up to HCI2C. (ISL9216 only) VCELL5 - 0.3
VVCELL5 +
[VHVI2C -
VVCELL5] x 0.3
V
Input HIGH Voltage (SDAIHV)
VIH2
SDAIHV pulled up to HCI2C. (ISL9216 only) VVCELL5 +
[VHVI2C -
VVCELL5] x
0.7
VHVI2C + 0.1V
V
Output Buffer LOW Voltage (SDA, SDAO)
VOL1
IOL = 1mA
(voltage relative to VSS of the device)
0.4
V
Output Buffer LOW Voltage (SDAOHV)
VOL2
IOL = 1mA
VVCELL5 + 0.5
V
SDA, SCL, SDAI Input Buffer Hysteresis I2CHYST
(Note 4)
Sleep bit = 0
0.05*VRGO
V
NOTES:
3. Power-up of the device requires all VCELL1, VCELL2, VCELL3, and VCC to be above the limits specified.
4. The device provides an internal hold time of at least 300ns for the SDA signal to bridge the unidentified region of the falling edge of SCL.
5. Limits established by characterization and are not production tested.
6. Maximum output capacitance = 15pF
Operating Specifications All Specifications Apply to Both the ISL9216 and ISL9217 Separately Over the Recommended Operating
Conditions, Unless Otherwise Specified. (Continued)
DESCRIPTION
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com