Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9216IRZ Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 26Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 27Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 28Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 29Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 30Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 31Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 28 of 34
November 2, 2007
When data is clocked into the ISL9216 through the I2C port, it is
immediately transferred to the serial cascade port, so both the
ISL9216 and ISL9217 see the slave byte at the same time. After
the 8th slave bit, the device that receives the correct slave byte
sends an acknowledge, while the other device ignores all
subsequent data on the serial port until it receives a stop bit.
However, even though the ISL9216 ignores the data, it still
passes it through to the ISL9217.
The SDAI and SDAO pins of the ISL9217 need to have pull-up
resistors of approximately 4.7k
, since the output drivers are
open-drain devices.
Register Protection
The Discharge Set, Charge Set, and Feature Set configuration
registers are write protected on initial power-up. In order to
write to these registers it is necessary to set a bit to enable
each one. These write enable bits are in the Write Enable
register (Address 08H).
Write the FSETEN bit (Addr 8:bit 7) to “1” to change the data in
the Feature Set register (Address 7).
Write the CHSETEN bit (Addr 8:bit 6) to “1” to change the data
in the Feature Set register (Address 6).
Write the DISSETEN bit (Addr 8:bit 5) to “1” to change the data
in the Feature Set register (Address 5).
The microcontroller can reset these bits back to zero to prevent
inadvertent writes that change the operation of the pack.
Operation State Machine
Figure 16 shows a device state machine which defines how the
ISL9216 and ISL9217 respond to various conditions.
Power Fails and one of the supplies, VCC, VCELL1, VCELL2,
and VCELL3 do not meet minimum voltage requirements
WKUP goes above or below
threshold (edge triggered).
[ISL9217 wake-up requires µC
command to ISL9216].
Or, SLEEP bit is set to ‘0’
I2C interface is disabled. Biasing is disabled.
All registers set to default values (All “0”)
POWER-DOWN STATE
I2C interface is enabled. Biasing is enabled.
Voltage Regulator is enabled.
POWER-UP STATE
Voltage Regulator is ON
Logic and registers are powered by RGO
CFET, DFET, Cell balancing outputs are all off.
(Require external command to turn on)
Charge and discharge current protection
circuits and temperature protection circuits are
active (Default). Overcurrent conditions force
power FETs to turn off. Over-temperature
conditions force power FETs and cell balance
outputs to turn off.
Voltage and temperature monitoring circuits
are awaiting external control.
MAIN OPERATING STATE
Power is applied and all of the supplies, VCC, VCELL1,
VCELL2, and VCELL3 meet minimum voltage requirements
Voltage Regulator is OFF
Biasing is OFF
Logic and registers are powered by VCELL1
CFET, DFET, Cell balancing outputs are all off.
Charge and discharge current protection
circuits all off.
Voltage and temperature monitoring circuits
are off.
I2C communication is active (if VCELL1 voltage
is high enough to operate with external
device.)
SLEEP STATE
SLEEP bit is set to ‘1’
FIGURE 16. DEVICE OPERATION STATE MACHINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com