Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9216IRZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 9Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 10Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 11Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 12Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 13Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 14Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 15Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 16Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 13 of 34
November 2, 2007
Charge Overcurrent Monitor (ISL9216 only) (Assumes DENOCC bit is ‘0’)
Serial Interface Timing Diagrams
Bus Timing
Symbol Table
VOCC
tOCC
COC BIT
TEMP3V
VCSENSE
REGISTER 1 READ
OUTPUT
3.3V
‘1’
‘0’
CFET
OUTPUT
µC TURNS ON CFET
12V
tSU:STO
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tF
tLOW
tBUF
tR
tDH
tAA
SDA INPUT
SDA OUTPUT
SCL
This timing shows the communication with the ISL9216. Communication with the ISL9217 (through the ISL9216) adds some lag time, however,
overall the communication with the ISL9217 meets the same timing requirements as communication with the ISL9216.
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com