Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL9216IRZ Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL9216IRZ
Description  8 to 12 Cell Li-Ion Battery Overcurrent Protection and Analog Front End Chip Set
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL9216IRZ Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL9216IRZ Datasheet HTML 17Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 18Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 19Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 20Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 21Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 22Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 23Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 24Page - Renesas Technology Corp ISL9216IRZ Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
ISL9216, ISL9217
FN6488 Rev 1.00
Page 21 of 34
November 2, 2007
Device Description
Design Theory
Instructed by the microcontroller, the ISL9216 and ISL9217
chip set performs cell voltage monitoring and cell balancing
operations. The ISL9216 has automatic overcurrent and short
circuit monitoring, and shut-down with built-in selectable time
delays. The ISL9216 also provides automatic turn off of the
power FETs and cell balancing FETs in an over-temperature
condition. All automatic functions of the ISL9216 can be turned
off and the microcontroller can manage the operations through
software.
Battery Connection
The ISL9216 and ISL9217 support packs of 8 to 12 series
connected Li-ion cells. Connection guidelines for each cell
combination are shown in Figure 1.
System Power-Up/Power-Down
The ISL9216 and ISL9217 power-up when the voltages on
their VCELL1, VCELL2, VCELL3, and VCC pins all exceed
their POR threshold. At this time, the devices each wake-up
and turn on their RGO output.
The regulator circuit provides 3.3VDC at pin RGO. It does this
by using a control voltage on the RGC pin to drive an external
NPN transistor (See Figure 2). For the ISL9216, the transistor
should have a beta of at least 70 to provide ample current to
the device and external circuits and should have a VCE of
greater than 60V (preferably higher) for a 12 cell pack. For the
ISL9217, the transistor selection is not as critical because it will
likely not drive any external circuits, however, it should be rated
with a VCE greater than 50V.
The voltage at the emitter of the NPN transistor is monitored
and regulated to 3.3V by the control signal RGC. RGO also
powers most of the ISL9216 and ISL9217 internal circuits. A
500
 resistor is recommended in the collector of each NPN
transistor to minimize initial current surge when the regulator
turns on.
Once powered up, the devices remain in a wake-up state until
put to sleep by the microcontroller (typically when the cells
drop too low in voltage) or until the VCELL1, VCELL2,
VCELL3, or VCC voltages drop below their POR threshold.
WKUP Pin Operation
There are two ways to design a wake-up of the ISL9216. In an
active LOW connection (WKPOL = ’0’ - default), the device
wakes up when a charger is connected to the pack. This pulls
the WKUP pin low when compared to a reference based on the
VCELL1 voltage. In an active HIGH connection (WKPOL = ‘1’)
the device wakes up when then WKUP pin is pulled high by a
connection through an external switch. See Figure 3.
Once the ISL9216 wakes up, the RGO powers up the
microcontroller. The microcontroller then wakes up the
ISL9217 by setting the WKUPR bit in the ISL9216. The
WKUPR pin of the ISL9216 connects to the ISL9217 WKUP
pin. When the ISL9216 WKUPR bit is set to “1”, the ISL9217
WKUP pin pulls low and the ISL9217 wakes up. Because of
this operation, it is important that the WKPOL bit of the
ISL9217 remain in the default state (ISL9217 WKPOL = 0).
Protection Functions
In the default, recommended condition, the ISL9216
automatically responds to discharge overcurrent, discharge
short circuit, charge overcurrent, internal over-temperature,
and external over-temperature. The designer can set optional
over-ride conditions that allow the response to be dictated by
the microcontroller. These are discussed in the following
section.
RGC
RGO
VSS
VCC
FIGURE 2. VOLTAGE REGULATOR CIRCUITS
RGC
RGO
VSS
VCC
3.3V
GND
500
500
ISL9216
FIGURE 3. WAKE-UP CONTROL CIRCUITS
VSS
330k*
* INTERNAL RESISTOR
ONLY CONNECTED WHEN
WKPOL = 1.
5V
WKUP
WKPOL
WKUP
(STATUS)
(CONTROL)
WAKE-UP
CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com